Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY9553-SB-TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LUY9553-SB-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9553-SB-TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LUY9553-SB-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUY9553-SB-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
UY
Symbol
Absolute Maximum Ratings
Page 3/7
Parameter
Absolute Maximum Ratings at Ta=25
mA
mA
50
90
V
μA
2000
10
mW
120
IF
IFP
Ir
ESD
PD
Tstg
Topr
-40 ~ +100
-40 ~ +85
Forward Current
Power Dissipation
Reverse Current @5V
Operating Temperature
Storage Temperature
Electrostatic Discharge( * )
Peak Forward Current
Duty 1/10@10KHz
Typ.
Max.
Min.
Min.
120
220
2.6
1.7
125
COLOR
Lens
Emitted
595
Yellow
Water Clear
15
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
PART NO
AlGaInP
LUY9553-SB/TR1
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO. LUY9553-SB/TR1
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.


Similar Part No. - LUY9553-SB-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9553-4-LS3-TR2 LIGITEK-LUY9553-4-LS3-TR2 Datasheet
446Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LUY9553-4-TR1 LIGITEK-LUY9553-4-TR1 Datasheet
127Kb / 8P
   PLCC-4 TOPLED
LUY9553-4H-TR1-B03 LIGITEK-LUY9553-4H-TR1-B03 Datasheet
141Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-S3-TR2 LIGITEK-LUY9553-4R-S3-TR2 Datasheet
152Kb / 9P
   PLCC-4 TOPLED
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
More results

Similar Description - LUY9553-SB-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com