Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSF355B-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDSF355B-HF
Description  SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSF355B-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDSF355B-HF Datasheet HTML 1Page - Comchip Technology CDSF355B-HF Datasheet HTML 2Page - Comchip Technology CDSF355B-HF Datasheet HTML 3Page - Comchip Technology CDSF355B-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Switching Diode
Page 3
QW-G0007
REV:A
SMD Diodes Specialist
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
F/1005
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.061 0.004
±
0.104 0.004
±
0.041 0.004
±
0.061 0.002
±
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
F/1005
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.531 MAX.
Polarity
1.55 0.10
±
2.65 0.10
±
4.00 0.10
±
1.55 0.05
±
3.50 0.05
±
1.75 0.10
±
60.0 MIN.
13.0 0.20
±
1.05 0.10
±
4.00 0.10
±
2.00 0.05
±
0.23 0.05
±
8.00 0.20
±
13.5 MAX.
178 1
±
Comchip Technology CO., LTD.


Similar Part No. - CDSF355B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSF355B COMCHIP-CDSF355B Datasheet
77Kb / 2P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF_15 Datasheet
126Kb / 4P
   SMD Switching Diode
More results

Similar Description - CDSF355B-HF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
   SMD Switching Diode
logo
Comchip Technology
CDSF4148 COMCHIP-CDSF4148 Datasheet
71Kb / 2P
   SMD Switching Diode
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
   SMD Switching Diode
CDSER400B-HF COMCHIP-CDSER400B-HF Datasheet
124Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
ACDSV4148-G COMCHIP-ACDSV4148-G Datasheet
102Kb / 4P
   SMD Switching Diode
QW-A8011 COMCHIP-QW-A8011 Datasheet
153Kb / 2P
   SMD Switching Diode
CDSF4448-HF COMCHIP-CDSF4448-HF Datasheet
127Kb / 4P
   SMD Switching Diode
ACDSW4148-G COMCHIP-ACDSW4148-G Datasheet
139Kb / 4P
   SMD Switching Diode
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
   SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com