Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY9553-4H-TR1-B03 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUY9553-4H-TR1-B03
Description  PLCC-4 TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9553-4H-TR1-B03 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUY9553-4H-TR1-B03 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 1/7
0.9(.035)
2
0.7
(.028)
0.9(.035)
3
1
4
PART NO. LUY9553-4H/TR1
Features
Applications
3
0.7
(.028)
1.85(.073)
23
2.8(.11)
Package Dimensions
2
4
0.5(.020)
1
CATHODE
4
2.2(.106)
0.95(.037)
1
3.5
(.138)
3.2(.126)
Note : 1.All dimension are in millimeter tolerance is
±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
2.2
(.106)
*traffic lights
*backlighting(LCD,switches,keys,displays,illuminated advertising)
*interior and exterior automotive lighting(e.g.dashboard backlighting,turn signal lamps,sidemarkers,
brake lights)
*substitution of micro incandescent lamps
*marker lights(e.g.exit ways,etc.)
*signal and symbol luminaire
*package : 12mm tape on 7" diameter reels.
*feature of the device:more light due to higher optical efficiency,higher ambient temperature at the
same current possible compared to TOPLED
*assembly methods:suitabl for all SMT assembly methods
*ESD-withstand voltage:up to 2kv acc. to JESD22-A114-B
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LUY9553-4H-TR1-B03

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9553-4-LS3-TR2 LIGITEK-LUY9553-4-LS3-TR2 Datasheet
446Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LUY9553-4-TR1 LIGITEK-LUY9553-4-TR1 Datasheet
127Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-S3-TR2 LIGITEK-LUY9553-4R-S3-TR2 Datasheet
152Kb / 9P
   PLCC-4 TOPLED
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-TR1-B01 LIGITEK-LUY9553-4R-TR1-B01 Datasheet
394Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LUY9553-4H-TR1-B03

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM9553-4-TR1 LIGITEK-LDGM9553-4-TR1 Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LUROS9553-4-TR1 LIGITEK-LUROS9553-4-TR1 Datasheet
138Kb / 8P
   PLCC-4 TOPLED
L12URF9553-4S LIGITEK-L12URF9553-4S Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LDBK9553-4-TR1 LIGITEK-LDBK9553-4-TR1 Datasheet
140Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-S3-TR2 LIGITEK-LUY9553-4R-S3-TR2 Datasheet
152Kb / 9P
   PLCC-4 TOPLED
LUY9553-4-TR1 LIGITEK-LUY9553-4-TR1 Datasheet
127Kb / 8P
   PLCC-4 TOPLED
LURF9553-4S-TR1 LIGITEK-LURF9553-4S-TR1 Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LUE9553-4-TR1 LIGITEK-LUE9553-4-TR1 Datasheet
131Kb / 8P
   PLCC-4 TOPLED
LUR9553-4H-TR1 LIGITEK-LUR9553-4H-TR1 Datasheet
128Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com