Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9393BBCZ-80 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9393BBCZ-80
Description  Low Power HDMI Display Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393BBCZ-80 Datasheet(HTML) 4 Page - Analog Devices

  AD9393BBCZ-80 Datasheet HTML 1Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 2Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 3Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 4Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 5Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 6Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 7Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 8Page - Analog Devices AD9393BBCZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9393
Rev. 0 | Page 4 of 40
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
VDD = VD =3.3 V, DVDD = PVDD = 1.8 V, unless otherwise noted.
Table 2.
Parameter
Test
Level
Conditions
Min
Typ
Max
Unit
DC DIGITAL I/O Specifications
High-Level Input Voltage (VIH)
VI
2.5
V
Low-Level Input Voltage (VIL)
VI
0.8
V
High-Level Output Voltage (VOH)
VI
VDD − 0.1
V
Low-Level Output Voltage (VOL)
VI
VDD − 0.1
0.1
V
DC SPECIFICATIONS
Output High Level
IV
Output drive = high strength
36
mA
IOHD (VOUT = VOH)
IV
Output drive = low strength
24
mA
Output Low Level
IV
Output drive = high strength
12
mA
IOLD (VOUT = VOL)
IV
Output drive = low strength
8
mA
DCLK High Level
IV
Output drive = high strength
40
mA
VOHC (VOUT = VOH)
IV
Output drive = low strength
20
mA
DCLK Low Level
IV
Output drive = high strength
30
mA
VOLC (VOUT = VOL)
IV
Output drive = low
15
mA
Differential Input Voltage, Single-Ended Amplitude
IV
75
700
mV
POWER SUPPLY
VD
IV
3.15
3.3
3.47
V
VDD
IV
1.7
3.3
347
V
DVDD
IV
1.7
1.8
1.9
V
PVDD
IV
1.7
1.8
1.9
V
Power—54 MHz, YCrCb 422, CSC Disabled
485
mW
Supply Current (Worst Pattern)1
IVD
V
95
mA
IVDD
V
18
mA
IDVDD2
V
51
mA
IPVDD
V
26
mA
Power—74.25 MHz, RGB, CSC Disabled
593
mW
Supply Current (Worst Pattern)1
IVD
V
109
mA
IVDD
V
38
mA
IDVDD
V
66
mA
IPVDD
V
26
mA
Power-Down Power
VI
130
mW
AC SPECIFICATIONS
Intrapair (+ to −) Differential Input Skew (tDPS)
IV
0.4
tBIT
Channel-to-Channel Differential Input Skew (tCCS)
IV
0.6
tPIXEL
Low-to-High Transition Time for Data and Controls (DLHT)
IV
Output drive = high; CL = 10 pF
1000
ps
IV
Output drive = low; CL = 5 pF
ps
Low-to-High Transition Time for DCLK (DLHT)
IV
Output drive = high; CL = 10 pF
1000
ps
IV
Output drive = low; CL = 5 pF
ps
High-to-Low Transition Time for Data and Controls (DHLT)
IV
Output drive = high; CL = 10 pF
1000
ps
IV
Output drive = low; CL = 5 pF
ps
High-to-Low Transition Time for DCLK (DHLT)
IV
Output drive = high; CL = 10 pF
1000
ps
IV
Output drive = low; CL = 5 pF
ps
Clock-to-Data Skew3 (tSKEW)
IV
−0.5
+2.0
ns
Duty Cycle, DCLK3
IV
45
50
%
DCLK Frequency (fCIP)
VI
20
80
MHz
1 Worst-case pattern is alternating black and white pixels.
2 DCLK load = 10 pF, data load = 5 pF.
3 Drive strength = high.


Similar Part No. - AD9393BBCZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396/PCB AD-AD9396/PCB Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396KSTZ-100 AD-AD9396KSTZ-100 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396KSTZ-150 AD-AD9396KSTZ-150 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
More results

Similar Description - AD9393BBCZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
ADV7613 AD-ADV7613_17 Datasheet
301Kb / 13P
   Low Power HDMI to LVDS Display Bridge
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com