Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7298BCPZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7298BCPZ-RL7
Description  8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7298BCPZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7298BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary Technical Data
AD7298
Rev. PrA | Page 7 of 18
Pin No.
Mnemonic
Description
12
TSENSE_BUSY
Busy Output. BUSY transitions high when a temperature sensor conversion starts and remains high until the
conversion completes
13
DIN
Data In. Logic input. Data to be written to the AD7298 control register is provided on this input and is clocked into
the register on the falling edge of SCLK.
17
PD
Power Down Pin. This pin will place the part into a full power down mode and will enable power conservation
when the parts operation is not required. This pin can be used to RESET the device by toggling the pin LOW for a
minimum of TBD ns and a maximum of 100ns. If the maximum time is exceeded the part will enter power-down
mode.
/RST
8
DCAP
Decoupling Capacitor Pins. Decoupling capacitors (1 μF recommended) are connected to this pins to decouple
the internal LDO.


Similar Part No. - AD7298BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298BCPZ-RL7 AD-AD7298BCPZ-RL7 Datasheet
452Kb / 25P
   Temperature Sensor
More results

Similar Description - AD7298BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com