Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA207B-G.SRG.G.2X Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LA207B-G.SRG.G.2X
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA207B-G.SRG.G.2X Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA207B-G.SRG.G.2X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA207B-G.SRG.G.2X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA207B-G.SRG.G.2X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA207B-G.SRG.G.2X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA207B-G.SRG.G.2X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA207B-G.SRG.G.2X Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LSRG2692/S55
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LA207B/G.SRG.G.2X
Package Dimensions
PART NO.
1/5
Page
12 3
+ -
3.CATHODE GREEN
1.NONE CHIP
2.COMMON ANODE
3.CATHODE GREEN
1.CATHODE RED
2.COMMON ANODE
3
2
1
+ -
G
SR
1.CATHODE RED
2.COMMON ANODE
3.CATHODE GREEN
2
1
3
1.NONE CHIP
2.COMMON ANODE
3.CATHODE GREEN
3
2
1
G
LG2690/R6
X G
XG
1
3
2
SR
G
1 23
G
SRG
2
1
3
- + -
2.54*2=5.08TYP
44
9*4=36
8.87
11.37
2.9
±0.3
1.6
±0.3
5.1
±0.5
6.35
Ø0.5
TYP
1
2
3
3.1
2.9
2.0MIN
2.54TYP
18.0MIN
2.0MIN
2.54TYP
0.5
TYP
3.3
6.45
±0.5
4.3
1.5
MAX


Similar Part No. - LA207B-G.SRG.G.2X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA207B-G.SRG.G.2X-PF LIGITEK-LA207B-G.SRG.G.2X-PF Datasheet
134Kb / 7P
   LED ARRAY
More results

Similar Description - LA207B-G.SRG.G.2X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com