Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA1029 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # SAA1029
Description  UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

SAA1029 Datasheet(HTML) 1 Page - Comset Semiconductor

  SAA1029 Datasheet HTML 1Page - Comset Semiconductor SAA1029 Datasheet HTML 2Page - Comset Semiconductor SAA1029 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAA1029
UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
GENERAL DESCRIPTION
The SAA1029 is a universal bipolar logic and interface IC with high noise immunity and
operational stability for industrial control applications. The most fundamental industrial
control functions can be accomplished with only one SAA1029 IC.
MAIN ADVANTAGES
• Simple realization of the basic industrial control functions ( logic functions,
timing functions, memory functions).
• High dynamic and static noise immunity.
• High operation stability.
• Short-circut protection of inputs and outputs to both VEE and VCC.
• Wide interruption results in a safe input LOW state.
• LOCMOS (CMOS) compatible.
• Ideal applicaion for control loop such as emergency push button.
• Wide imput range from 0 to 31.2 V.
• Adjustable output voltage range from 0 to 30 V.
• Wide supply voltage range from 14 to 31.2 V.
The IC comprises,
(1) Gate 1 : 4-input AND gate with 1 inverted input,
(2) Gate 2 : 3-input AND gate with 1 inverted input and ajustable propagation delay,
(3) Gate 3 : 2-input AND gate with 1 inverted input.
The SAA1029 can be used as direct interface with LOCMOS (CMOS) ICs for realizing more
complex functions. Therefore, the output signal can be limited to the voltage level of the
common output clamping pin Z.
The propagation delay of NAND gate 2 is adjustable from microsecondes to seconds by
using an external capacitor at pin 7 (pin C). This makes it possible to adapt the control
frequency limits to the system, so the optimum dynamic noise immunity can be achieved.
All the static and dynamic circuit values ( including the output voltage) are independent of the
supply voltage over a wide operating range. This allows the use of a simple unstabilized
power supply.
The output is held to the LOW state automatically during swithching on the power supply, so
a special reset pulse can be omitted.
COMSET SEMICONDUCTORS
11 dec. 03
1/3


Similar Part No. - SAA1029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA1029 ETC-SAA1029 Datasheet
160Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
More results

Similar Description - SAA1029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA1029 ETC-SAA1029 Datasheet
160Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
Cypress Semiconductor
CY7C964 CYPRESS-CY7C964 Datasheet
99Kb / 6P
   Bus Interface Logic Circuit
CY7C964A CYPRESS-CY7C964A Datasheet
158Kb / 6P
   Bus Interface Logic Circuit
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
TECHNOLOGY ASSISTANCE B...
USTI TAB-USTI Datasheet
283Kb / 3P
   Universal Sensors and Transducers Interface
logo
Advanced Monolithic Sys...
AMS23M1 ADMOS-AMS23M1 Datasheet
50Kb / 4P
   CPU and Logic Circuit Reset
logo
IK Semicon Co., Ltd
IK3101 IKSEMICON-IK3101 Datasheet
270Kb / 11P
   Low Drop Regulator with Signal Interface Logic Circuit
logo
CML Microcircuits
PE0003 CMLMICRO-PE0003 Datasheet
584Kb / 2P
   Universal Interface Card
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com