Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA193B-HYSBKS-2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA193B-HYSBKS-2-PF
Description  LA193B-HYSBKS-2-PF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA193B-HYSBKS-2-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA193B-HYSBKS-2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA193B-HYSBKS-2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
-20 ~ +80
Operating Temperature
Topr
475
26
----
3.5
4.2
44
65
120
Blue
InGaN/SiC
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Dominant
wave
length
λDnm
PART NO
MATERIAL
COLOR
LA193B/HYSBKS-2-PF
AlGaInP
Water Clear
Emitted
Lens
Forward
voltage
@20mA(V)
Luminous
intensity
@20mA(mcd)
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
----
1.7
2.6
120
44
220
Typ.
Min.
Max. Min.
Typ.
Typical Electrical & Optical Characteristics (Ta=25
)
Storage Temperature
Tstg
-30 ~ +100
SBKS
HY
Power Dissipation
PD
Electrostatic Discharge( * )
Reverse Current @5V
ESD
Ir
Peak Forward Current
Duty 1/10@10KHz
Forward Current
IFP
IF
120
mW
500
2000
V
50
μA
100
mA
30
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
UNIT
Page 2/6
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LA193B/HYSBKS-2-PF
30
60
75
10
Yellow
595
15


Similar Part No. - LA193B-HYSBKS-2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA193B-HY-PF LIGITEK-LA193B-HY-PF Datasheet
131Kb / 6P
   LED ARRAY
More results

Similar Description - LA193B-HYSBKS-2-PF

ManufacturerPart #DatasheetDescription
logo
FCI connector
89096-112 FCI-CONNECTOR-89096-112 Datasheet
127Kb / 1P
   2/1/04 RA PF 12mm ASSEMBLY
logo
Kemet Corporation
C0402C209B5GACTU KEMET-C0402C209B5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 2 pF, /-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0603C209C1GACAUTO KEMET-C0603C209C1GACAUTO Datasheet
62Kb / 1P
   SMD Auto C0G, Ceramic, 2 pF, /-0.25 pF, 100 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C315C330G1G5TA KEMET-C315C330G1G5TA Datasheet
52Kb / 1P
   Capacitor, ceramic, 33 pF, /-2% Tol, 100V, C0G, Lead Spacing=0.1"||" "507287
2C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security
C0603C209C5GACTU KEMET-C0603C209C5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 2 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C209C5GACAUTO KEMET-C0402C209C5GACAUTO Datasheet
62Kb / 1P
   SMD Auto C0G, Ceramic, 2 pF, /-0.25 pF, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
logo
FCI connector
88946-112LF FCI-CONNECTOR-88946-112LF Datasheet
121Kb / 1P
   B SERIES R/A SIGNAL RECEPT ASSY 4 ROW, 2 MOD, PF
logo
Kemet Corporation
C315C101G1G5TA KEMET-C315C101G1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 100 pF, /-2% Tol, 100 V, C0G, Lead Spacing=0.1"||" "904394
Low Insertion Loss
logo
LIGITEK electronics co....
LSRFVG2363-R1-PF LIGITEK-LSRFVG2363-R1-PF Datasheet
126Kb / 7P
   LSRFVG2363-R1-PF
logo
Kemet Corporation
CBR06C209B5GAC KEMET-CBR06C209B5GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, 2 pF, /-0.1 pF, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com