Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUX80 Datasheet(PDF) 1 Page - Comset Semiconductor

Part No. BUX80
Description  HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUX80 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUX80 Datasheet HTML 1Page - Comset Semiconductor BUX80 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN BUX80
COMSET SEMICONDUCTORS
1/2
The BUX80 is silicon multiepitaxial planar NPN transistor in Jedec TO-3.
They are intended for use in converters, inverters, switching regulators and motor control systems
applications.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
400
V
VCER
Collector- Emitter Voltage
RBE = 50Ω
500
V
VEBO
Emitter-Base Voltage
IC = 0
10
V
VCES
Collector-Emitter Voltage
VBE = 0
800
V
IC
Collector Current
10
A
ICM
Collector Peak Current
tp = 10ms
15
A
IB
Base Current
5
A
Pt
Total Power Dissipation
@ TC = 40°
100
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
1.1
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (1)
IC=100 mA
400
-
-
V
VCER
Collector-Emitter
Sustaining Voltage (1)
IC=100 mA , RBE = 50Ω
500
-
-
V
IEBO
Emitter Cutoff Current
VCE=10 V , IC=0
-
-
10
mA
VCE= VCES , VBE= 0
-
-
1
ICES
Collector Cutoff Current
VCE= VCES , VBE= 0, Tcase = 125°C
-
-
3
mA
H
HIIG
GH
H C
CU
UR
RR
RE
EN
NT
T,, H
HIIG
GH
H S
SP
PE
EE
ED
D,, H
HIIG
GH
H P
PO
OW
WE
ER
R
T
TR
RA
AN
NS
SIIS
ST
TO
OR
R


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn