Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD024OX8 Datasheet(PDF) 5 Page - AZ Displays

Part # PD024OX8
Description  TECHNICAL SPECIFICATION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX8 Datasheet(HTML) 5 Page - AZ Displays

  PD024OX8 Datasheet HTML 1Page - AZ Displays PD024OX8 Datasheet HTML 2Page - AZ Displays PD024OX8 Datasheet HTML 3Page - AZ Displays PD024OX8 Datasheet HTML 4Page - AZ Displays PD024OX8 Datasheet HTML 5Page - AZ Displays PD024OX8 Datasheet HTML 6Page - AZ Displays PD024OX8 Datasheet HTML 7Page - AZ Displays PD024OX8 Datasheet HTML 8Page - AZ Displays PD024OX8 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
PD024OX8
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page
5
5. Input / Output Terminals
FPC Down Connect , 40Pins , Pitch : 0.5 mm
PGND=GND=0V
Pin No
Symbol
I/O
Description
Remark
1
VCOM
I
Common electrode voltage
Note 5-1
2
N/C
-
-
3
VGL
I
Negative power supply for gate driver
4
C4P
C
Pins to connect capacitance for power circuitry
5
C4N
C
Pins to connect capacitance for power circuitry
6
VGH
I
Positive power supply for gate driver
7
FRP
O
Frame polarity output for VCOM
8
VCAC
C
Define the amplitude of the VCOM swing
9
VSD
I
Voltage for Source Driver and Reference Voltage
10
C3P
C
Pins to connect capacitance for power circuitry
11
C3N
C
Pins to connect capacitance for power circuitry
12
VDDA
I
Voltage for Source Driver and Reference Voltage
13
C2P
C
Pins to connect capacitance for power circuitry
14
C2N
C
Pins to connect capacitance for power circuitry
15
VINT
I
Voltage for Source Driver and Reference Voltage
16
C1P
C
Pins to connect capacitance for power circuitry
17
C1N
C
Pins to connect capacitance for power circuitry
Note 5-2
18
PGND
I
Charge Pump Power GND
19
PVDD
I
Charge Pump Power VDD
Note 5-3
20
DRV
O
Gate signal for the power transistor of the boost converter
Note 5-4
21
VLED
I
Supply voltage for LED backlight
22
NC
-
-
23
FB
I
Main boost regulator feedback input
Note 5-5
24
VCC
I
Digital power supply
Note 5-3
25
GND
I
Digital GND
26
VCC
I
Digital power supply
Note 5-3
27
CS
I
Serial interface chip select signal
28
SDA
I
Serial interface data input signal
29
SCL
I
Serial interface transmission clock
30
HSYNC
I
Horizontal sync input
31
VSYNC
I
Vertical sync input
32
DCLK
I
Clock input
33
D7
I
Data input
34
D6
I
Data input
35
D5
I
Data input
36
D4
I
Data input
37
D3
I
Data input
38
D2
I
Data input
39
D1
I
Data input
40
D0
I
Data input


Similar Part No. - PD024OX8

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD024OX4 AZDISPLAYS-PD024OX4 Datasheet
745Kb / 23P
   This technical specification applies to a 2.36inch color TFT-LCD panel.
More results

Similar Description - PD024OX8

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com