Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0340WQLC-T Datasheet(PDF) 3 Page - AZ Displays

Part # P0340WQLC-T
Description  Tentative Product Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

P0340WQLC-T Datasheet(HTML) 3 Page - AZ Displays

  P0340WQLC-T Datasheet HTML 1Page - AZ Displays P0340WQLC-T Datasheet HTML 2Page - AZ Displays P0340WQLC-T Datasheet HTML 3Page - AZ Displays P0340WQLC-T Datasheet HTML 4Page - AZ Displays P0340WQLC-T Datasheet HTML 5Page - AZ Displays P0340WQLC-T Datasheet HTML 6Page - AZ Displays P0340WQLC-T Datasheet HTML 7Page - AZ Displays P0340WQLC-T Datasheet HTML 8Page - AZ Displays P0340WQLC-T Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Document No.:
1. Purpose:
This documentation defines general product specification for OLED module supplied by
CMEL. The information described in this technical specification is tentative. Please Contact
CMEL’s representative while your product is modified.
2. General Description:
Driving Mode: Active Matrix
Color Mode: Full Color (16M color)
Driver IC: HX5116, COG Assembly
Interface:
8bit serial RGB and 24bit parallel RGB interface
Application: Portable DVD, PMP, GPS, Photo Frame etc.
3. Mechanical Data:
No.
Items
Specification
Unit
1
Diagonal Size
3.4
Inch
2
Resolution
480 x RGB x 272
3
Pixel Pitch
H: 156 V: 156
um
4
Active Area
74.88 x 42.43
mm
5
Outline Area
82.8 x 54.3
mm
6
Thickness
1.6
mm
7
Weight
21
g


Similar Part No. - P0340WQLC-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
P0340WQLB-T AZDISPLAYS-P0340WQLB-T Datasheet
1Mb / 21P
   Tentative Product Specification
More results

Similar Description - P0340WQLC-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
P0340WQLB-T AZDISPLAYS-P0340WQLB-T Datasheet
1Mb / 21P
   Tentative Product Specification
P0430WQLC-T AZDISPLAYS-P0430WQLC-T Datasheet
2Mb / 21P
   Tentative Product Specification
P0430WQLB-T AZDISPLAYS-P0430WQLB-T Datasheet
2Mb / 21P
   Tentative Product Specification
logo
Fuji Electric
1MBI150SH-140 FUJI-1MBI150SH-140 Datasheet
168Kb / 2P
   Tentative target specification
logo
AZ Displays
G141I1-L01 AZDISPLAYS-G141I1-L01 Datasheet
1Mb / 26P
   TFT LCD Tentative Specification
logo
Chi Mei Corporation.
M185B1-L02 CHIMEI-M185B1-L02 Datasheet
804Kb / 25P
   TFT LCD Tentative Specification
logo
AZ Displays
G104X1-L03 AZDISPLAYS-G104X1-L03 Datasheet
725Kb / 27P
   TFT LCD Tentative Specification
logo
Isahaya Electronics Cor...
RT8H042C ISAHAYA-RT8H042C Datasheet
194Kb / 4P
   This is tentative specification
logo
Chi Mei Corporation.
M236H1-L01 CHIMEI-M236H1-L01 Datasheet
782Kb / 26P
   TFT LCD Tentative Specification
logo
AZ Displays
G121X1-L03 AZDISPLAYS-G121X1-L03 Datasheet
623Kb / 26P
   TFT LCD Tentative Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com