Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX104X01-210 Datasheet(PDF) 10 Page - AZ Displays

Part # HX104X01-210
Description  Preliminary Product Specification
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

HX104X01-210 Datasheet(HTML) 10 Page - AZ Displays

Back Button HX104X01-210 Datasheet HTML 6Page - AZ Displays HX104X01-210 Datasheet HTML 7Page - AZ Displays HX104X01-210 Datasheet HTML 8Page - AZ Displays HX104X01-210 Datasheet HTML 9Page - AZ Displays HX104X01-210 Datasheet HTML 10Page - AZ Displays HX104X01-210 Datasheet HTML 11Page - AZ Displays HX104X01-210 Datasheet HTML 12Page - AZ Displays HX104X01-210 Datasheet HTML 13Page - AZ Displays HX104X01-210 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PRODUCT GROUP
REV
ISSUE DATE
TFT-LCD PRODUCT
2009.02.17
P3
Note : 1. Viewing angle is the angle at which the contrast ratio is greater than 10. The viewing are
determined for the horizontal or 3, 9 o’clock direction and the vertical or 6, 12 o’clock
direction with respect to the optical axis which is normal to the LCD surface .
(see FIGURE 1)
2. Contrast measurements shall be made at viewing angle of Θ= 0
° and at the center of the
LCD
f
L
i
h ll b
d i h ll i l i
h
i
fi ld
fi
hi
LCD surface. Luminance shall be measured with all pixels in the view field set first to white,
then to the dark (black) state. (See FIGURE 1)
Luminance Contrast Ratio (CR) is defined mathematically.
CR
=
Luminance when displaying a white raster
Luminance when displaying a black raster
3. Luminance of white is defined as a luminance value of a point across the LCD surface.
Luminance shall be measured with all pixels in the view field set first to white.
This measurement shall be taken at the locations shown in FIGURE 2 for a total of the
measurements per display.
4. The White luminance uniformity on LCD surface is then expressed. (See FIGURE 2)
5. The color chromaticity coordinates specified in Table 4 shall be calculated from the
spectral data measured with all pixels first in red, green, blue and white. Measurements
shall be made at the center of the panel
Uniformity ΔY =
Minimum Luminance of 5(or 13) points
X 100 (%)
Maximum Luminance of 5(or 13) points
shall be made at the center of the panel.
6. The electro-optical response time measurements shall be made as FIGURE 3 by switching
the data input signal OFF and ON. The times needed for the luminance to change from
10% to 90% is Tr, and 90% to 10% is Td.
7. Cross-Talk of one area of the LCD surface by another shall be measured by comparing the
luminance (YA) of a 25mm diameter area with all display pixels set to a gray level to the
luminance (YA) of a 25mm diameter area, with all display pixels set to a gray level, to the
luminance (YB) of that same area when any adjacent area is driven dark. (See FIGURE 4 ).
PAGE
SPEC. TITLE
HX104X01-210 Preliminary Product Specification
10 / 30
B2005-C001-C(3/3)
SPEC. NUMBER
TD-0006788
A4(210 X 297)


Similar Part No. - HX104X01-210

ManufacturerPart #DatasheetDescription
logo
AZ Displays
HX104X02-100 AZDISPLAYS-HX104X02-100 Datasheet
1Mb / 31P
   color active matrix TFT LCD module
More results

Similar Description - HX104X01-210

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ043T3DX04 SHARP-LQ043T3DX04 Datasheet
1Mb / 25P
   Preliminary Product Specification
logo
AZ Displays
HV056WX1-100 AZDISPLAYS-HV056WX1-100 Datasheet
1Mb / 29P
   Preliminary Product Specification
logo
Zilog, Inc.
Z8612912SSC00TR ZILOG-Z8612912SSC00TR Datasheet
3Mb / 62P
   PRELIMINARY PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
NT156WHM-N12 ETC2-NT156WHM-N12 Datasheet
873Kb / 30P
   Preliminary Product Specification
logo
AZ Displays
HX121WX1-100 AZDISPLAYS-HX121WX1-100 Datasheet
729Kb / 29P
   Preliminary Product Specification
logo
Cystech Electonics Corp...
MTN2N65AI3 CYSTEKEC-MTN2N65AI3 Datasheet
344Kb / 11P
   MTN2N65AI3 Preliminary CYStek Product Specification
logo
List of Unclassifed Man...
HV320WX2-206 ETC-HV320WX2-206 Datasheet
537Kb / 23P
   HV320WX2-206 Product Preliminary Specification
2013.05.17
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com