Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX65A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX65A
Description  NPN SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX65A Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX65A Datasheet HTML 1Page - Comset Semiconductor BDX65A Datasheet HTML 2Page - Comset Semiconductor BDX65A Datasheet HTML 3Page - Comset Semiconductor BDX65A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDX65
BDX65A
BDX65B
BDX65C
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDX65
60
-
-
BDX65A
80
-
-
BDX65B
100
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=0.1 A, IB=0, L=25mH
BDX65C
120
-
-
V
VCE=30 V
BDX65
-
-
VCE=40 V
BDX65A
-
-
VCE=50 V
BDX65B
-
-
ICEO
Collector Cutoff Current
VCE=60 V
BDX65C
-
-
1
mA
IEBO
Emitter Cutoff Current
VBE=5 V
BDX65
BDX65A
BDX65B
BDX65C
-
-
5.0
mA
VCBO=60 V
-
-
0.4
VCBO=40 V
TCASE=200°C
BDX65
-
-
3
VCBO=50 V
-
-
0.4
VCBO=80 V
TCASE=200°C
BDX65A
-
-
3
VCBO=100 V
-
-
0.4
VCBO=60 V
TCASE=200°C
BDX65B
-
-
3
VCBO=120 V
-
-
0.4
ICBO
Collector-Base Cutoff
Current
VCBO=70 V
TCASE=200°
BDX65C
-
-
3
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=5.0 A, IB=20 mA
BDX65
BDX65A
BDX65B
BDX65C
-
-
2
V
VF
Forward Voltage (pulse
method)
IF=3 A
BDX65
BDX65A
BDX65B
BDX65C
-
1.8
-
V


Similar Part No. - BDX65A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65A ETC-BDX65A Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Seme LAB
BDX65A SEME-LAB-BDX65A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDX65A ISC-BDX65A Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65A COMSET-BDX65A Datasheet
82Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX65A NJSEMI-BDX65A Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Similar Description - BDX65A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65 ETC-BDX65 Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Comset Semiconductor
BDX63 COMSET-BDX63 Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67_1 Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com