Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX34 Datasheet(PDF) 5 Page - Comset Semiconductor

Part # BDX34
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX34 Datasheet(HTML) 5 Page - Comset Semiconductor

  BDX34 Datasheet HTML 1Page - Comset Semiconductor BDX34 Datasheet HTML 2Page - Comset Semiconductor BDX34 Datasheet HTML 3Page - Comset Semiconductor BDX34 Datasheet HTML 4Page - Comset Semiconductor BDX34 Datasheet HTML 5Page - Comset Semiconductor BDX34 Datasheet HTML 6Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
PNP BDX34 – BDX34A – BDX34B – BDX34C
COMSET SEMICONDUCTORS
5/6
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VCBO=45 V
BDX33
BDX34
-
-
VCBO=60 V
BDX33A
BDX34A
-
-
VCBO=80 V
BDX33B
BDX34B
-
-
ICBO
Collector-Base Cutoff
Current
VCBO=100 V
BDX33C
BDX34C
-
-
5
mA
BDX33
BDX33A
BDX34
IC=4.0 A, IB=8.0 mA
BDX34A
-
-
2.5
BDX33B
BDX33C
BDX34B
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3.0 A, IB=6.0 mA
BDX34C
-
-
2.5
V
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
VF
Forward Voltage (pulse
method)
IF=8 A
BDX34C
-
-
4.0
V
BDX33
BDX33A
BDX34
IC=4.0 A, VCE=3.0V
BDX34A
-
-
2.5
BDX33B
BDX33C
BDX34B
VBE
Base-Emitter Voltage (*)
IC=3.0 A, VCE=3.0V
BDX34C
-
-
2.5
V
BDX33
BDX33A
BDX34
VCE=3.0 V, IC=4.0 A
BDX34A
750
-
-
BDX33B
BDX33C
BDX34B
hFE
DC Current Gain (*)
VCE=3.0 V, IC=3.0 A
BDX34C
750
-
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit


Similar Part No. - BDX34

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX34 MOSPEC-BDX34 Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Power Innovations Ltd
BDX34 POINN-BDX34 Datasheet
91Kb / 7P
   Transistor de puissance PNP darlington
BDX34 POINN-BDX34 Datasheet
166Kb / 7P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BDX34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com