Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2222A Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N2222A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2222A Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2222A Datasheet HTML 1Page - Comset Semiconductor 2N2222A Datasheet HTML 2Page - Comset Semiconductor 2N2222A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2N2222 – 2N2222A
PNP 2N2907 – 2N2907A
COMSET SEMICONDUCTORS
1/3
The 2N2222 and 2N2222A are NPN transistors mounted in TO-18 metal package with the collector
connected to the case .
They are primarily intended for high speed switching. The 2N2222 is also suitable for d.c. and v.h.f./u.h.f.
amplifiers .
PNP complements are 2N2907 and 2N2907A .
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2222A
40(1)
VCEO
Collector-Emitter Voltage
2N2222
30
V
2N2222A
75
VCBO
Collector-Base Voltage
2N2222
60
V
2N2222A
6
VEBO
Emitter-Base Voltage
2N2222
5
V
2N2222A
IC
Collector Current
2N2222
800
mA
2N2222A
PD
Total Power Dissipation
@ Tamb = 25°
2N2222
0.5
Watts
2N2222A
PD
Total Power Dissipation
@ Tcase= 25°
2N2222
1.2
Watts
2N2222A
TJ
Junction Temperature
2N2222
200
°C
2N2222A
TStg
Storage Temperature range
2N2222
-65 to +200
°C
(1) Applicable up to IC = 500mA
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N2222A
RthJ-a
Thermal Resistance, Junction to ambient in
free air
2N2222
350
K/W
2N2222A
RthJ-c
Thermal Resistance, Junction to case
2N2222
146
K/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - 2N2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
   HIGH SPEED SWITCHES
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

Similar Description - 2N2222A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com