Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N2907 Datasheet(PDF) 1 Page - Comset Semiconductor

Part No. 2N2907
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

2N2907 Datasheet(HTML) 1 Page - Comset Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2N2222 – 2N2222A
PNP 2N2907 – 2N2907A
COMSET SEMICONDUCTORS
1/3
The 2N2222 and 2N2222A are NPN transistors mounted in TO-18 metal package with the collector
connected to the case .
They are primarily intended for high speed switching. The 2N2222 is also suitable for d.c. and v.h.f./u.h.f.
amplifiers .
PNP complements are 2N2907 and 2N2907A .
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2222A
40(1)
VCEO
Collector-Emitter Voltage
2N2222
30
V
2N2222A
75
VCBO
Collector-Base Voltage
2N2222
60
V
2N2222A
6
VEBO
Emitter-Base Voltage
2N2222
5
V
2N2222A
IC
Collector Current
2N2222
800
mA
2N2222A
PD
Total Power Dissipation
@ Tamb = 25°
2N2222
0.5
Watts
2N2222A
PD
Total Power Dissipation
@ Tcase= 25°
2N2222
1.2
Watts
2N2222A
TJ
Junction Temperature
2N2222
200
°C
2N2222A
TStg
Storage Temperature range
2N2222
-65 to +200
°C
(1) Applicable up to IC = 500mA
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N2222A
RthJ-a
Thermal Resistance, Junction to ambient in
free air
2N2222
350
K/W
2N2222A
RthJ-c
Thermal Resistance, Junction to case
2N2222
146
K/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn