Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N1595 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N1595
Description  SILICON THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N1595 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N1595 Datasheet HTML 1Page - Comset Semiconductor 2N1595 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMSET SEMICONDUCTORS
2/2
2N1595 thru 2N1599
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
IDRM
Peak Forward Blocking Current
(Rated
VDRM with gate open , TJ
=125°C)
Max :1.0
mA
IGT
Gate Trigger Current (2)
Anode Voltage=7.0 Vdc, RL=12
Typ : 2.0
Max : 10
mA
Gate Trigger Voltage
Anode Voltage=7.0 Vdc, RL=12
Typ : 0.7
Max : 3.0
VGT
VDRM = Rated, RL=100
Ω, T
J=125°C
Min : 0.2
V
IH
Holding Current
Anode Voltage=7.0 Vdc, gate open
Typ : 5.0
mA
VTM
Forward On Voltage
IT=1 Adc
Typ : 1.1
Max : 2.0
V
tgt
Turn-On Time (td+tr)
IGT=10 mA, IT=1 A
Typ : 0.8
µs
tq
Turn-Off Time
IT=1 A, IR =1 A, dv/dt=20 V/
µs,
TJ=125°C
VDRM = Rated Voltage
Typ : 10
µs
* VDRM or VRSM can be applied for all types on a continuous dc basis without incurring damage.
MECHANICAL DATA CASE TO-39
DIMENSIONS
mm inches
A
6,25
0,24
B
13,59
0,53
C
9,24
0,36
D
8,24
0,32
E
0,78
0,03
F
1,05
0,041
G
0,42
0,165
H
45°
L5,1
0,2
Pin 1 :
Cathode
Pin 2 :
Gate
Pin 3 :
Anode
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.


Similar Part No. - 2N1595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N1595 ETC-2N1595 Datasheet
94Kb / 2P
   SILICON THYRISTOR(low-current silicon controlled rectifiers in a three-lead package ideal for printed-circuit)
logo
New Jersey Semi-Conduct...
2N1595 NJSEMI-2N1595 Datasheet
100Kb / 1P
   Silicon Controlled Rectifiers
logo
Digitron Semiconductors
2N1595 DIGITRON-2N1595 Datasheet
134Kb / 2P
   SILICON THYRISTOR
More results

Similar Description - 2N1595

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
2N1595 DIGITRON-2N1595 Datasheet
134Kb / 2P
   SILICON THYRISTOR
logo
Siemens Semiconductor G...
BR103 SIEMENS-BR103 Datasheet
72Kb / 4P
   SILICON MINIATURE THYRISTOR
logo
First Silicon Co., Ltd
MCK100-6 FS-MCK100-6 Datasheet
472Kb / 4P
   Silicon PNPN Thyristor
logo
GeneSiC Semiconductor, ...
GA080TH65-CAU GENESIC-GA080TH65-CAU Datasheet
236Kb / 3P
   Silicon Carbide Thyristor
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
   Silicon Bidirectional Thyristor
November, 2012??Rev. 0
logo
Siemens Semiconductor G...
BR303 SIEMENS-BR303 Datasheet
39Kb / 2P
   SILICON MINIATURE THYRISTOR
logo
GeneSiC Semiconductor, ...
GA080TH65-227SP GENESIC-GA080TH65-227SP Datasheet
313Kb / 3P
   Silicon Carbide Thyristor
logo
ON Semiconductor
NYE08-10B6ST1G ONSEMI-NYE08-10B6ST1G Datasheet
101Kb / 6P
   Silicon Bidirectional Thyristor
November, 2012 ??Rev. 0
logo
GeneSiC Semiconductor, ...
GA040TH65-CAU GENESIC-GA040TH65-CAU Datasheet
266Kb / 3P
   Silicon Carbide Thyristor
GA040TH65-227SP GENESIC-GA040TH65-227SP Datasheet
322Kb / 3P
   Silicon Carbide Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com