Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP230 Datasheet(PDF) 4 Page - RFHIC

Part # AP230
Description  MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP230 Datasheet(HTML) 4 Page - RFHIC

  AP230 Datasheet HTML 1Page - RFHIC AP230 Datasheet HTML 2Page - RFHIC AP230 Datasheet HTML 3Page - RFHIC AP230 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M
MM
MIIC
C
A
AP
P223300
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
For a safe use in all situations, it is recommended to have proper ESD control techniques while the device is being handled. Here are some
recommended precautions;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench
Package : SOIC-8 Type
ESD Protection
PIN No
Description
1
RF IN(2)
5
RF OUT(1)
4
RF IN(1)
8
RF OUT(2)
2, 3, 6, 7
GND
Exposed slug
GND
Package Dimensions (Type: SOIC-8)
7
8
1
2
3
45
6
AMP1
AMP2
Block Diagram
Recommended Pattern
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - AP230

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP2300GN-HF VBSEMI-AP2300GN-HF Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
RFHIC
AP2301 RFHIC-AP2301 Datasheet
347Kb / 5P
   MMIC
logo
Diodes Incorporated
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
More results

Similar Description - AP230

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
   MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
   MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
   MMIC
logo
RFHIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
   MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
   MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
   MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
   MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
   MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
   MMIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
   MMIC
AP409 RFHIC-AP409 Datasheet
422Kb / 7P
   MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com