Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFW0882-10 Datasheet(PDF) 2 Page - RFHIC

Part # RFW0882-10
Description  Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFW0882-10 Datasheet(HTML) 2 Page - RFHIC

  RFW0882-10 Datasheet HTML 1Page - RFHIC RFW0882-10 Datasheet HTML 2Page - RFHIC RFW0882-10 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P
Po
ow
we
er
r A
Am
mp
plliiffiie
er
r
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
R
RF
FW
W0
08
88
82
2--1
10
0
Performance Charts (Vd=10V, Id=1.5A, T=25
)


Similar Part No. - RFW0882-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFW0836-10 RFHIC-RFW0836-10 Datasheet
160Kb / 3P
   Power Amplifier
More results

Similar Description - RFW0882-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com