Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2A40SA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR2A40SA
Description  2.0A SBR SUPER BARRIER RECTIFIER SMA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2A40SA Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR2A40SA Datasheet HTML 1Page - Diodes Incorporated SBR2A40SA Datasheet HTML 2Page - Diodes Incorporated SBR2A40SA Datasheet HTML 3Page - Diodes Incorporated SBR2A40SA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR2A40SA
Document number: DS31769 Rev. 2 - 2
2 of 4
www.diodes.com
July 2009
© Diodes Incorporated
SBR2A40SA
SBR is a registered trademark of Diodes Incorporated.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1
1.5
2
2.5
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
100
200
300
400
500
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.0001
0.001
0.01
0.1
1
10
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 3 Typical Reverse Characteristics
0
5
10
15
20
25
30
35
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
10
100
1,000
10,000
100,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
10
100
1,000
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0.1
1
10
100
Fig. 5 Forward Current Derating Curve
0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
T , LEAD TEMPERATURE (°C)
L
0
25
50
75
100
125
150
0
4
8
12
16
2024
283236
40
Fig. 6 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R


Similar Part No. - SBR2A40SA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SBR2A40SA TAYCHIPST-SBR2A40SA Datasheet
1Mb / 2P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR2A40SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U30P1 DIODES-SBR2U30P1 Datasheet
319Kb / 4P
   2.0A SBR Super Barrier Rectifier
SBR2U30P1 Rev. 4 - 2
SBR2A40BLP DIODES-SBR2A40BLP Datasheet
530Kb / 5P
   2.0A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
SBR2M30P1 DIODES-SBR2M30P1 Datasheet
333Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2M30P1 Rev. 4 - 2
SBR2A40P1 DIODES-SBR2A40P1 Datasheet
336Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A40P1 Rev. 5 - 2
SBR3U60SA DIODES-SBR3U60SA Datasheet
515Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER SMA
March 2015
SBR1A40SA DIODES-SBR1A40SA Datasheet
92Kb / 4P
   1.0A SBR SUPER BARRIER RECTIFIER SMA
DS31768 Rev. 2 - 2
SBR1A40SA-13 DIODES-SBR1A40SA-13 Datasheet
99Kb / 4P
   1.0A SBR SUPER BARRIER RECTIFIER SMA
SBR2U30SA DIODES-SBR2U30SA Datasheet
102Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
November 2011
SBR2U150SA DIODES-SBR2U150SA Datasheet
222Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
May 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com