Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCD-3020C50J-G Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # TCD-3020C50J-G
Description  Chip Terminations
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TCD-3020C50J-G Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  TCD-3020C50J-G Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
188 Technology Drive Unit H, Irvine, CA 92618
1
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
American Accurate Components,
Chip Terminations
The content of this specification may change without notification 11/01/08
Applicable to MIL-R-11804E
Dimensions
Unit:mm
TCD-3010
TCD-3020
Top View
Side View
Bottom View
Top View
Side View
Bottom View
3.0
1.2 max.
6.12
2.5
±0.5
1.5 max.
Rating
Tolerance :±0.2
Requirements
Frequency Range
VSWR
Impedance
Resistance Tolerance
T.C.R.
Rated Power
Working Temp. Range
TCD-3010B50
DC ~ 2.5 GHz
1.2 max.
50 Ω
±2 %, ±5 %
±200 ppm/ C
10 W
−45 C ~ 150 C
TCD-3020C50
DC ~ 2.3 GHz
1.2 max.
50 Ω
±2 %, ±5 %
±200 ppm/ C
20 W
−55 C ~ 155 C
Derating Curve
100
Materials
75
50
25
0
−50
−55
−25
0
25
50
75
100 125 150 175
155
Rated Ambient Temp. [ C]
Part Name
Coating
Resistance
Electrode
Substrate
Materials
Silicone
Thin Film Tantalum Alloy
Ni / Au Flash
Aluminum Nitride
How to Code
TCD
3
010
B
50
G
G
TR
Style
No.
Rated Power
Electrode
Structure
Resistance
Resistance
Tolerance
Made with
RoHS
Packaging
010
020
10W
20W
B
C
3010
3020
50 50Ω
G
J
±2%
±5%
-
TR
Bulk
Tape Reel
_
_
_


Similar Part No. - TCD-3020C50J-G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCD-10-122-75X MINI-TCD-10-122-75X Datasheet
334Kb / 2P
   Directional Coupler
TCD-10-122-75X++ MINI-TCD-10-122-75X+ Datasheet
334Kb / 2P
   Directional Coupler
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
TCD-10-1W++ MINI-TCD-10-1W+ Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
TCD-10-1W-75 MINI-TCD-10-1W-75 Datasheet
280Kb / 1P
   Directional Coupler 75廓 10 to 750 MHz
More results

Similar Description - TCD-3020C50J-G

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
logo
Anaren Microwave
A5BXXXX1A ANAREN-A5BXXXX1A Datasheet
251Kb / 2P
   Chip Terminations 5 Watts
A5B50X1A ANAREN-A5B50X1A Datasheet
253Kb / 2P
   Chip Terminations 5 Watts
logo
List of Unclassifed Man...
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
logo
Anaren Microwave
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
   Chip Terminations 4 Watts, 50ohm
RFP-250250-4X50-2 ANAREN-RFP-250250-4X50-2 Datasheet
504Kb / 2P
   Chip Terminations 40 Watts, 50ohm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com