Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0206-29YFPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TXS0206-29YFPR
Description  MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0206-29YFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TXS0206-29YFPR Datasheet HTML 7Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 8Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 9Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 10Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 11Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 12Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 13Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 14Page - Texas Instruments TXS0206-29YFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TXS0206-29
www.ti.com
SCES690 – DECEMBER 2009
OPERATING CHARACTERISTICS
TA = 25°C, VCCB = 2.9 V
VCCA TYP
TEST
PARAMETER
UNIT
CONDITIONS
1.2 V
1.5 V
1.8 V
2.5 V
3 V
3.3 V
CLK
15
15
15
15.7
17.1
17.1
A-port input, Enabled
B-port
DATA
output
6.3
6.4
6.5
6.5
6.5
6.5
Enabled
B-port input,
DATA
A-port
12.5
12.3
12.3
12.5
14
14
Enabled
CL = 0,
output
CpdA
(1)
f = 10 MHz,
pF
CLK
tr = tf = 1 ns
0.2
0.2
0.2
0.3
0.3
0.3
A-port input, Disabled
B-port
DATA
output
1.2
1.2
1.2
1.2
1.2
1.2
Disabled
B-port input,
DATA
A-port
0.2
0.2
0.2
0.3
0.3
0.3
Disabled
output
A-port input,
DATA
B-port
31.2
30.6
30.3
29.5
28.5
28.5
Enabled
output
CLK
28.1
27.2
27
26.9
27
27
B-port input, Enabled
A-port
DATA
output
12.9
12.8
12.9
13.2
13.2
13.2
CL = 0,
Enabled
CpdB
(1)
f = 10 MHz,
pF
A-port input,
tr = tf = 1 ns
DATA
B-port
0.6
0.5
0.5
0.5
0.5
0.6
Disabled
output
CLK
0.6
0.5
0.5
0.5
0.5
0.6
B-port input, Disabled
A-port
DATA
output
1.2
1.2
1.2
1
1
1
Disabled
(1)
Power dissipation capacitance per transceiver
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TXS0206-29YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206-29YFPR TI-TXS0206-29YFPR Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29YFPR TI-TXS0206-29YFPR Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29YFPR TI1-TXS0206-29YFPR Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206-29YFPRB TI1-TXS0206-29YFPRB Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
More results

Similar Description - TXS0206-29YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206-29_1007 TI-TXS0206-29_1007 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_0912 TI-TXS0206-29_0912 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com