Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2039D1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2039D1
Description  3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2039D1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2039D1 Datasheet HTML 1Page - Texas Instruments TPA2039D1 Datasheet HTML 2Page - Texas Instruments TPA2039D1 Datasheet HTML 3Page - Texas Instruments TPA2039D1 Datasheet HTML 4Page - Texas Instruments TPA2039D1 Datasheet HTML 5Page - Texas Instruments TPA2039D1 Datasheet HTML 6Page - Texas Instruments TPA2039D1 Datasheet HTML 7Page - Texas Instruments TPA2039D1 Datasheet HTML 8Page - Texas Instruments TPA2039D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Input
Buffer
SC
300K
EN
TPA2039D1
SLOS652 – DECEMBER 2009
www.ti.com
OPERATING CHARACTERISTICS (continued)
VDD = 3.6 V, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 3.6 V, VO+ shorted to VDD
2
VDD = 3.6 V, VO– shorted to VDD
2
Short circuit protection
ISC
VDD = 3.6 V, VO+ shorted to GND
2
A
threshold
VDD = 3.6 V, VO– shorted to GND
2
VDD = 3.6 V, VO+ shorted to VO–
2
Time for which output is
disabled after a short circuit
TAR
event, after which
VDD = 2.5 V to 5.5 V
100
ms
auto-recovery trials are
continuously made
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
WCSP BALL
IN–
C1
I
Negative differential audio input.
IN+
A1
I
Positive differential audio input.
VO-
A3
O
Negative BTL audio output.
VO+
C3
O
Positive BTL audio output.
Analog ground terminal. Must be connected to same potential as PGND using a direct connection
GND
A2
I
to a single point ground.
High-current Analog ground terminal. Must be connected to same potential as GND using a direct
PGND
B3
I
connection to a single point ground.
Power supply terminal. Must be connected to same power supply as PVDD using a direct
VDD
B1
I
connection. Voltage must be within values listed in Recommended Operating Conditions table.
High-current Power supply terminal. Must be connected to same power supply as VDD using a
PVDD
B2
I
direct connection. Voltage must be within values listed in Recommended Operating Conditions
table.
EN
C2
I
Enable terminal. Connect to Logic High voltage to enable device, Logic Low voltage to disable
(shutdown).
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA2039D1


Similar Part No. - TPA2039D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results

Similar Description - TPA2039D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com