Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP3G17DQER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP3G17DQER
Description  LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP3G17DQER Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP3G17DQER Datasheet HTML 5Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 6Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 7Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 8Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 9Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 10Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 11Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 12Page - Texas Instruments SN74AUP3G17DQER Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUP3G17DCUR
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP3G17DQER
PREVIEW
X2SON
DQE
8
5000
TBD
Call TI
Call TI
SN74AUP3G17YFPR
PREVIEW
DSBGA
YFP
8
3000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Jan-2010
Addendum-Page 1


Similar Part No. - SN74AUP3G17DQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G14 TI1-SN74AUP3G14 Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14DCUR TI1-SN74AUP3G14DCUR Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14DQER TI1-SN74AUP3G14DQER Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14RSER TI1-SN74AUP3G14RSER Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14YFPR TI1-SN74AUP3G14YFPR Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74AUP3G17DQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
logo
Nexperia B.V. All right...
74AUP3G17 NEXPERIA-74AUP3G17 Datasheet
830Kb / 22P
   Low-power triple Schmitt trigger
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com