Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58FVB641 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC58FVB641
Description  64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC58FVB641 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
6/53
SIMULTANEOUS READ/WRITE OPERATION
The TC58FVT641/B641 features a Simultaneous Read/Write operation. The Simultaneous Read/Write operation
enables the device to simultaneously write data to or erase data from a bank while reading data from another bank.
The TC58FVT641/B641 has a total of seventeen banks: 1 bank of 0.5 Mbits, 1 bank of 3.5 Mbits and 15 banks of 4
Mbits. Banks can be switched between using the bank addresses (A21~A15). For a description of bank blocks and
addresses, please refer to the Block Address Table and Block Size Table.
The Simultaneous Read/Write operation cannot perform multiple operations within a single bank. The table
below shows the operation modes in which simultaneous operation can be performed.
Note that during Auto-Program execution or Auto Block Erase operation, the Simultaneous Read/Write operation
cannot read data from addresses in the same bank which have not been selected for operation. Data from these
addresses can be read using the Program Suspend or Erase Suspend function, however.
SIMULTANEOUS READ/WRITE OPERATION
STATUS OF BANK ON WHICH OPERATION IS BEING
PERFORMED
STATUS OF OTHER BANKS
Read Mode
ID Read Mode
(1)
Auto-Program Mode
Fast Program Mode
(2)
Program Suspend Mode
Auto Block Erase Mode
Auto Multiple Block Erase Mode
(3)
Erase Suspend Mode
Program Suspend during Erase Suspend
CFI Mode
Read Mode
(1) Only Command Mode is valid.
(2) Including times when Acceleration Mode is in use.
(3) If the selected blocks are spread across all nine banks, simultaneous operation cannot be carried out.
OPERATION MODES
In addition to the Read, Write and Erase Modes, the TC58FVT641/B641 features many functions including block
protection and data polling. When incorporating the device into a deign, please refer to the timing charts and
flowcharts in combination with the description below.
READ MODE
To read data from the memory cell array, set the device to Read Mode. In Read Mode the device can perform
high-speed random access as asynchronous ROM.
The device is automatically set to Read Mode immediately after power-on or on completion of automatic
operation. A software reset releases ID Read Mode and the lock state which the device enters if automatic
operation ends abnormally, and sets the device to Read Mode. A hardware reset terminates operation of the
device and resets it to Read Mode. When reading data without changing the address immediately after
power-on, either input a hardware Reset or change CE from H to L.


Similar Part No. - TC58FVB641

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB641FT-10 TOSHIBA-TC58FVB641FT-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641FT-70 TOSHIBA-TC58FVB641FT-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-10 TOSHIBA-TC58FVB641XB-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-70 TOSHIBA-TC58FVB641XB-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC58FVB641

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Winbond
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
   4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
Sharp Corporation
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com