Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP3G17 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP3G17
Description  LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP3G17 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP3G17 Datasheet HTML 2Page - Texas Instruments SN74AUP3G17 Datasheet HTML 3Page - Texas Instruments SN74AUP3G17 Datasheet HTML 4Page - Texas Instruments SN74AUP3G17 Datasheet HTML 5Page - Texas Instruments SN74AUP3G17 Datasheet HTML 6Page - Texas Instruments SN74AUP3G17 Datasheet HTML 7Page - Texas Instruments SN74AUP3G17 Datasheet HTML 8Page - Texas Instruments SN74AUP3G17 Datasheet HTML 9Page - Texas Instruments SN74AUP3G17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74AUP3G17
SCES765A – DECEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
M IN
MAX
0.8 V
22.7
1.2 V ± 0.1 V
6.3
8
12.8
3.9
14.6
1.5 V ± 0.1 V
4.6
5.8
8.4
2.8
10
tpd
A
Y
ns
1.8 V ± 0.15 V
3.9
4.8
7.2
2.4
8.1
2.5 V ± 0.2 V
3.1
3.6
5.1
2
6.1
3.3 V ± 0.3 V
2.7
3
4.4
1.9
5.1
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
25.1
1.2 V ± 0.1 V
7.1
9.1
13.8
4.7
15.6
1.5 V ± 0.1 V
5.2
6.5
9.4
3.4
11
tpd
A
Y
ns
1.8 V ± 0.15 V
4.5
5.4
8
2.9
9
2.5 V ± 0.2 V
3.5
4.2
5.7
2.4
6.8
3.3 V ± 0.3 V
3.1
3.5
4.9
2.2
5.7
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
27.6
1.2 V ± 0.1 V
7.8
10.1
14.8
5.3
16.7
1.5 V ± 0.1 V
5.8
7.4
10.3
3.9
12
tpd
A
Y
ns
1.8 V ± 0.15 V
5
6.1
8.8
3.4
10
2.5 V ± 0.2 V
4
4.7
6.4
2.8
7.5
3.3 V ± 0.3 V
3.5
4.1
5.4
2.6
6.2
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
35.1
1.2 V ± 0.1 V
10
13.1
18.1
7.5
19.8
1.5 V ± 0.1 V
7.4
9.6
12.9
5.6
14.9
tpd
A
Y
ns
1.8 V ± 0.15 V
6.4
7.9
11
4.8
12.4
2.5 V ± 0.2 V
5.2
6.1
8.1
4
9.3
3.3 V ± 0.3 V
4.6
5.3
6.9
3.6
7.7
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP3G17


Similar Part No. - SN74AUP3G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G14 TI1-SN74AUP3G14 Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14DCUR TI1-SN74AUP3G14DCUR Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14DQER TI1-SN74AUP3G14DQER Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14RSER TI1-SN74AUP3G14RSER Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
SN74AUP3G14YFPR TI1-SN74AUP3G14YFPR Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74AUP3G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
logo
Nexperia B.V. All right...
74AUP3G17 NEXPERIA-74AUP3G17 Datasheet
830Kb / 22P
   Low-power triple Schmitt trigger
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com