Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUP15050-10 Datasheet(PDF) 3 Page - RFHIC

Part # RUP15050-10
Description  GaN-SiC Broadband Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RUP15050-10 Datasheet(HTML) 3 Page - RFHIC

  RUP15050-10 Datasheet HTML 1Page - RFHIC RUP15050-10 Datasheet HTML 2Page - RFHIC RUP15050-10 Datasheet HTML 3Page - RFHIC RUP15050-10 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y
G
Ga
aN
N--S
SiiC
C B
Br
ro
oa
ad
db
ba
an
nd
d A
Am
mp
plliiffiie
er
r
R
RU
UP
P1
15
50
05
50
0--1
10
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
Typical Performance Chart @ 25°C
RFHIC RUP15050-10 Test Result
P3 Output Power, Current, Efficiency
Psat Output Power, Current, Efficiency
Freq.
[MHz]
Output
[dBm]
Output
[Watt]
Current
[A]
Efficiency
[%]
Output
[dBm]
Output
[Watt]
Current
[A]
Efficiency
[%]
500
45.87
38.64
2.73
48.74
47.54
56.75
3.80
48.29
600
44.93
31.12
2.24
48.04
46.54
45.08
2.99
48.34
700
44.66
29.24
2.45
39.64
46.11
40.83
3.33
35.03
800
42.76
18.88
2.65
23.25
46.29
42.56
4.06
29.40
900
41.81
15.17
2.67
18.92
46.65
46.24
4.37
30.32
1000
42.97
19.82
3.27
19.63
47.77
59.84
5.53
29.09
1100
42.97
19.82
3.29
19.73
48.85
76.74
6.33
34.66
1200
47.6
57.54
4.75
39.57
49.42
87.50
6.20
43.91
1300
47.61
57.68
4.65
41.86
49.45
88.10
5.78
47.76
1400
46.82
48.08
4.14
38.54
49.64
92.04
5.49
52.31
1500
45.93
39.17
3.77
34.34
49.06
80.54
5.16
45.94
1600
45.85
38.46
3.79
33.06
48.88
77.27
5.26
42.16
1700
44.96
31.33
3.50
28.98
48.66
73.45
5.38
37.92
1800
45.03
31.84
3.65
28.20
48.81
76.03
5.65
37.33
1900
46.69
46.67
4.43
34.26
49.22
83.56
5.84
42.08
2000
45.97
39.54
4.20
30.72
49.15
82.22
6.02
40.07
2100
46.73
47.10
4.68
32.78
48.70
74.13
5.72
37.47
2200
46.58
45.50
4.79
30.52
47.70
58.88
5.62
29.16
2300
45.89
38.82
4.98
24.57
48.48
70.47
6.42
31.33
2400
47.38
54.70
5.62
30.64
48.73
74.64
6.13
34.85
2500
47.6
57.54
4.67
39.68
48.94
78.34
5.05
43.26
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - RUP15050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15050-10 RFHIC-RUP15050-10 Datasheet
225Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15050-10 RFHIC-RUP15050-10_14 Datasheet
225Kb / 7P
   GaN-SiC Broadband Amplifier
More results

Similar Description - RUP15050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15030-10 RFHIC-RUP15030-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15050-12 RFHIC-RUP15050-12 Datasheet
212Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10 Datasheet
173Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10_14 Datasheet
219Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11 Datasheet
200Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15100-10 RFHIC-RUP15100-10 Datasheet
180Kb / 2P
   GaN-SiC Broadband Amplifier
RUP15010-10 RFHIC-RUP15010-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11_14 Datasheet
174Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15050-10 RFHIC-RUP15050-10_14 Datasheet
225Kb / 7P
   GaN-SiC Broadband Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com