Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD048RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD048RGZR
Description  QUAD CHANNEL M-LVDS RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65MLVD048RGZR Datasheet HTML 6Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 7Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 8Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 9Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 10Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 11Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 12Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 13Page - Texas Instruments SN65MLVD048RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
B
A
1.2V
Inputs
RE
C
15pF
L
VO
R
499
L
W
VTEST
tPZL
tPLZ
VTEST
A
RE
VO
VTEST
A
RE
VO
VCC
0.8V
VCC
0V
V
+0.5V
OL
VOL
VCC
1.6V
0V
0V
VCC
VOH
VOH
0V
tPZH
tPHZ
VCC
2
VCC
2
VCC
2
VCC
2
0.5V
SN65MLVD048
SLLS903 – DECEMBER 2009
www.ti.com
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz,
duty cycle = 50 ± 5%.
B.
RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T
C.
CL is the instrumentation and fixture capacitance within 2 cm of the D.U.T. and ±20%. The measurement is made on
test equipment with a –3dB bandwidth of at least 1GHz.
Figure 3. Receiver Enable/Disable Time Test Circuit and Waveforms
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65MLVD048


Similar Part No. - SN65MLVD048RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD048RGZR TI-SN65MLVD048RGZR Datasheet
696Kb / 20P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
More results

Similar Description - SN65MLVD048RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com