Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7420MDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420MDR
Description  Low-Power Dual Digital Isolators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420MDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7420MDR Datasheet HTML 5Page - Texas Instruments ISO7420MDR Datasheet HTML 6Page - Texas Instruments ISO7420MDR Datasheet HTML 7Page - Texas Instruments ISO7420MDR Datasheet HTML 8Page - Texas Instruments ISO7420MDR Datasheet HTML 9Page - Texas Instruments ISO7420MDR Datasheet HTML 10Page - Texas Instruments ISO7420MDR Datasheet HTML 11Page - Texas Instruments ISO7420MDR Datasheet HTML 12Page - Texas Instruments ISO7420MDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
DEVICE INFORMATION
PACKAGE CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest terminal-to-terminal distance through air
4.8
mm
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(I02)
4.3
mm
(creepage)
package surface
Tracking resistance (comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
>175
V
tracking index)
Minimum internal gap (internal
Distance through the insulation
0.008
mm
clearance)
Input to output, VIO = 500 V, all pins on each side of
the barrier tied together creating a two-terminal device,
>1012
RIO
Isolation resistance
TA < 100°C
Input to output
>1011
CIO
Barrier capacitance, input to output
VI = 0.4 sin (4E6πt)
1
pF
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads
of the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal according to the
measurement techniques shown in the Isolation Glossary. Techniques such as
inserting grooves and/or ribs on a printed circuit board are used to help increase
these specifications.
INSULATION CHARACTERISTICS
(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
560
V
VPR
Input-to-output test voltage
t = 1 s (100% production), partial discharge 5 pC
1050
V
t = 60 s (qualification)
VIOTM
Transient overvoltage
4000
V
t = 1 s (100% production)
t = 60 s (qualification)
2500
VISO
Isolation voltage per UL
Vrms
t = 1 s (100% production)
3000
RS
Insulation resistance
VIO = 500 V at TS
>109
Pollution degree
2
(1)
Climatic Classification 40/125/21
Table 2. IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
III-a
Rated mains voltage
≤ 150 Vrms
I–IV
Installation classification
Rated mains voltage
≤ 300 Vrms
I–III
Rated mains voltage
≤ 400 Vrms
I–II
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M


Similar Part No. - ISO7420MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420MDR TI-ISO7420MDR Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
More results

Similar Description - ISO7420MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI-ISO7421-EP Datasheet
950Kb / 24P
[Old version datasheet]   ISO7421-EP Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com