Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8718 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8718
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8718 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8718 Datasheet HTML 1Page - Texas Instruments DAC8718 Datasheet HTML 2Page - Texas Instruments DAC8718 Datasheet HTML 3Page - Texas Instruments DAC8718 Datasheet HTML 4Page - Texas Instruments DAC8718 Datasheet HTML 5Page - Texas Instruments DAC8718 Datasheet HTML 6Page - Texas Instruments DAC8718 Datasheet HTML 7Page - Texas Instruments DAC8718 Datasheet HTML 8Page - Texas Instruments DAC8718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
DAC8718
DAC8718
An og
al
Monit r
o
ToDAC-0,DAC-1,
DAC-2,DAC-3
ToDAC-0,DAC-1,
DAC-2,DAC-3
ToDAC-4,DAC-5,DAC-6,DAC-7
DAC8718
OFFSET-B
AGND-B
V
-7
OUT
V
MON
OFFSET-A
AGND-A
REF-B
Reference
BufferB
InternalTrimming
Zero/Gain;INL
Reference
BufferA
OFFSET
DACA
OFFSET
DACB
DAC-0
Latch-0
Power-Up/
Power-Down
Control
(SameFunctionBlocks
forAllChannels)
REF-A
LDAC
RST
RSTSEL
LDAC
CLR
USB/BTC
AIN-0
AIN-1
GPIO-0
GPIO-1
GPIO-2
SDO
SDI
CS
SCLK
WAKEUP
IOV
DD
DGND
DV
DD
AV
DD
AV
SS
DGND
DV
DD
AV
DD
AV
SS
V
-0
OUT
V
-7
OUT
AIN-0
AIN-1
RefBufferA
RefBufferB
OFFSET-B
Command
Registers
InputData
Register0
Correction
Engine
(WhenCorrectionEngineDisabled)
DAC-0
Data
UserCalibration:
ZeroRegister0
GainRegsiter0
V
-0
OUT
DAC8718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input
DIGITAL-TO-ANALOG CONVERTER
Check for Samples: DAC8718
1
FEATURES
DESCRIPTION
2345
• Bipolar Output: ±2V to ±16.5V
The
DAC8718
is
a
low-power,
octal,
16-bit
digital-to-analog
converter
(DAC).
With
a
5V
Unipolar Output: 0V to +33V
reference, the output can either be a bipolar ±15V
16-Bit Resolution
voltage when operating from dual ±15.5V (or higher)
Low Power: 14.4mW/Ch (Bipolar Supply)
power supplies, or a unipolar 0V to +30V voltage
Relative Accuracy: 4 LSB Max
when operating from a +30.5V (or higher) power
supply. With a 5.5V reference, the output can either
Low Zero/Full-Scale Error
be a bipolar ±16.5V voltage when operating from dual
Before User Calibration: ±10 LSB Max
±17V (or higher) power supplies, or a unipolar 0V to
After User Calibration: ±1 LSB
+33V voltage when operating from a +33.5V (or
higher) power supply. This DAC provides low-power
Flexible System Calibration
operation, good linearity, and low glitch over the
Low Glitch: 4nV-s
specified temperature range of –40°C to +105°C. This
Settling Time: 15
μs
device is trimmed in manufacturing and has very low
zero-code and gain error. In addition, system level
Channel Monitor Output
calibration can be performed to achieve ±1 LSB
Programmable Gain: x4/x6
bipolar zero/full-scale error with bipolar supplies, or
Programmable Offset
±1 LSB zero code/full-scale error with a unipolar
supply, over the entire signal chain. The output range
SPI™: Up to 50MHz, 1.8V/3V/5V Logic
can be offset by using the DAC offset register.
Schmitt Trigger Inputs
The DAC8718 features a standard, high-speed serial
Daisy-Chain with Sleep Mode Enhancement
peripheral interface (SPI) that operates at up to
Packages: QFN-48 (7x7mm), TQFP-64
50MHz and is 1.8V, 3V, and 5V logic compatible, to
(10x10mm)
communicate with a DSP or microprocessor. The
input data of the device are double-buffered. An
APPLICATIONS
asynchronous load input (LDAC) transfers data from
Automatic Test Equipment
the DAC data register to the DAC latch. The
asynchronous CLR input sets the output of all eight
PLC and Industrial Process Control
DACs to AGND. The VMON pin is a monitor output
Communications
that connects to the individual analog outputs, the
offset DAC, the reference buffer outputs, and two
external inputs through a multiplexer (mux).
The DAC8718 is pin-to-pin and function-compatible
with the DAC8218 (14-bit) and the DAC7718 (12-bit).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DSP is a trademark of Texas Instruments.
3
SPI, QSPI are trademarks of Motorola Inc.
4
Microwire is a trademark of National Semiconductor.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI1-DAC8218_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com