Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA92B-VYSBKS.X-R1-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LA92B-VYSBKS.X-R1-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA92B-VYSBKS.X-R1-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA92B-VYSBKS.X-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA92B-VYSBKS.X-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA92B-VYSBKS.X-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA92B-VYSBKS.X-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA92B-VYSBKS.X-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA92B-VYSBKS.X-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA92B-VYSBKS.X-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.ANODE YELLOW
2.COMMON CATHODE
3.ANODE BLUE
SBKS
1
23
VY
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LVYSBKS2692
Package Dimensions
PART NO. LA92B/VYSBKS.X-R1-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/6
VY
3
2
1
SBKS
1.ANODE YELLOW
2.COMMON CATHODE
3.ANODE BLUE
3.3
±0.3
5.08
2.54TYP
2.54TYP
1
2
3
2.3
X
7.0
VYSBKS
9.65
7.62
±0.5
0.5
TYP
9.02
11.72
±0.5
2.0MIN
2.0MIN
2.54TYP
2.54TYP
1.5
MAX
3.3
4.3
6.45
±0.5
0.5
TYP
18.0MIN
2.9
3.1
1
2
3


Similar Part No. - LA92B-VYSBKS.X-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA92B-2EG-1 LIGITEK-LA92B-2EG-1 Datasheet
115Kb / 6P
   LED ARRAY
LA92B-2EG-2 LIGITEK-LA92B-2EG-2 Datasheet
81Kb / 6P
   LED ARRAY
LA92B-2EG-2-AS-PF LIGITEK-LA92B-2EG-2-AS-PF Datasheet
233Kb / 7P
   LED ARRAY
LA92B-2EG-2-PF LIGITEK-LA92B-2EG-2-PF Datasheet
157Kb / 8P
   LED ARRAY
LA92B-2EG-PF LIGITEK-LA92B-2EG-PF Datasheet
122Kb / 7P
   LED ARRAY
More results

Similar Description - LA92B-VYSBKS.X-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com