Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9270NI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APX9270NI-TRG
Description  Direct PWM Variable Speed Fan Motor Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9270NI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APX9270NI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APX9270NI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2008
APX9270
www.anpec.com.tw
10
Function Description
Lockup Protection and Automatic Restart
Figure 1: Rotation Control Curve
The APX9270 is designed with a variable speed control-
ler which has two external input signals, a temperature
signal sensed by a thermistor and an external PW M
signal.
Variable Speed Control
Temperature Speed Control
Using thermistor get temperature to make SET pin voltage.
The fan’s speed is decided by comparing OSC and
SET pin voltage. In addition, the lowest drive duty is
set by comparing the OSC oscillating voltage and MIN
pin voltage (only for temperature speed control side).
Temperature control system works by comparing the
voltage of SET and OSC. When SET voltage is lower than
OSC voltage, one OUT pulled high and another OUT
pulled low. On the contrary, when SET voltage is higher
than OSC voltage, upper side transistors are OFF;
meanwhile, the coil current re-circulates lower side
transistor. Therefore, with decreasing SET voltage, the
output ON-Duty will be increasing, which results in the
increasing of the coil current and motor rotation speed.
External PWM Speed Control
This is a pin for the direct PWM speed control. PWM pin
input is pulled down to GND when it is not used. The
minimum duty is performed by R6 and R7 resistances
(see Typical Application Circuit). R7 is left open if you
want to stop rotation when PWM duty is 0%.
(see Figure 1: Rotation Control Curve)
T
A
Duty100%
Duty 50%
Duty 0%
External PWM-Duty
)
C
(
o
OUT-DUTY(%)
the fan is locked. Connecting the capacitor from CT pin to
GND determines the shutdown time and restart time. As
the fan is locked, the charge/discharge circuit will charge
the CT capacitor to 3.6V by a 2.2
µA source current for a
locked detection time, and then the circuit will switch the
capacitor to discharge. During the discharging interval,
the output drivers are switched off until the CT voltage is
discharged to 1.6V by a 0.22
µA sink current, and the
circuit will switch the capacitor to charge. In the charging
interval, the IC enters the restart time; one output is high
and another is low, which makes a torque for fan rotation
until the CT voltage is charged to 3.6V by a 2.2
µA source
current. If the locked condition still remains, the charge/
discharge process will be recurred until the locked
condition is released (see Figure 2: Lock/Auto Restart
Waveform).
Figure 2: Lock/Auto Restart Waveform
Current Limit
The APX9270 includes both internal and external current
limiters. External current limiter value is programmed by
R
L which is located between VCC pin and VM pin. The
external current limiter works when the voltage difference
between both sides of R
L raises to be 0.48V or higher.
For example, the R
L=0.5Ω, the external current limiter
value is fixed and internally set at 960mA. The internal
current limiter value is different in rotation mode and lock
mode. It is 1.2A in rotation mode, but it decreases to 0.6A
in lock mode. This feature can reduce power consump-
tion while the fan is locked. In general application, it is
The APX9270 provides the lockup protection and auto-
matic restart functions to prevent the coil burnout while
V
IN+
V
IN-
Lock
Lock
Detection
Release
V
OUT2
V
OUT1
V
CT
V
FG
TOFF
TOFF
TON


Similar Part No. - APX9270NI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275AXI-TRG ANPEC-APX9275AXI-TRG Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275KI-TRG ANPEC-APX9275KI-TRG Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275XI-TRG ANPEC-APX9275XI-TRG Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9270NI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
   Direct PWM Variable Speed Fan Motor Driver
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX6861 ANPEC-APX6861 Datasheet
156Kb / 14P
   Direct PWM Variable Speed Fan Motor Driver
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
   Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Eutech Microelectronics...
EUM6861 EUTECH-EUM6861 Datasheet
103Kb / 1P
   18V PWM Fan Motor Driver
EUM6189A EUTECH-EUM6189A Datasheet
65Kb / 1P
   700mA PWM Fan Motor Driver
EUM6861 EUTECH-EUM6861_12 Datasheet
182Kb / 2P
   18V PWM Fan Motor Driver
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com