Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9132A Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APX9132A
Description  Hall Effect Micro Switch IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9132A Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APX9132A Datasheet HTML 3Page - Anpec Electronics Coropration APX9132A Datasheet HTML 4Page - Anpec Electronics Coropration APX9132A Datasheet HTML 5Page - Anpec Electronics Coropration APX9132A Datasheet HTML 6Page - Anpec Electronics Coropration APX9132A Datasheet HTML 7Page - Anpec Electronics Coropration APX9132A Datasheet HTML 8Page - Anpec Electronics Coropration APX9132A Datasheet HTML 9Page - Anpec Electronics Coropration APX9132A Datasheet HTML 10Page - Anpec Electronics Coropration APX9132A Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2009
APX9132A
www.anpec.com.tw
7
OUTPUT OFF
B
OPN
B
OPS
B
RPN
B
RPS
OUTPUT ON
MAGNETIC FLUX
0
+B
-B
0
5V
MAX
Function Description
Operation
The output of APX9132A switches low (turn-on) when in
presence of strong flux density facing the marked side of
package exceeds the operate point B
OPS (or is less than
B
OPN). After turn-on, the output is capable of sinking up to
1mA and the output voltage is low (turn-on). In absence of
flux density is below the release point B
RPS (or increases
above B
RPN), the APX9132A output switches high (turns
off). After turn-off, the output is capable of sourcing up to
1mA and the output voltage is high (turn-off). The differ-
ence in the magnetic operated and released point is the
hysteresis (B
hys) of the device. This built-in hysteresis al-
lows clean switching of the output even in the presence
of external mechanical bouncing vibration and electrical
noise.


Similar Part No. - APX9132A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9132AI-TR ANPEC-APX9132AI-TR Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
APX9132AI-TRG ANPEC-APX9132AI-TRG Datasheet
214Kb / 14P
   Hall Effect Micro Switch IC
APX9132AI-TRL ANPEC-APX9132AI-TRL Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
APX9132ATI-TR ANPEC-APX9132ATI-TR Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
APX9132ATI-TRG ANPEC-APX9132ATI-TRG Datasheet
214Kb / 14P
   Hall Effect Micro Switch IC
More results

Similar Description - APX9132A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com