Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9131A Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APX9131A
Description  Hall Effect Micro Switch IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131A Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APX9131A Datasheet HTML 1Page - Anpec Electronics Coropration APX9131A Datasheet HTML 2Page - Anpec Electronics Coropration APX9131A Datasheet HTML 3Page - Anpec Electronics Coropration APX9131A Datasheet HTML 4Page - Anpec Electronics Coropration APX9131A Datasheet HTML 5Page - Anpec Electronics Coropration APX9131A Datasheet HTML 6Page - Anpec Electronics Coropration APX9131A Datasheet HTML 7Page - Anpec Electronics Coropration APX9131A Datasheet HTML 8Page - Anpec Electronics Coropration APX9131A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2009
APX9131A
www.anpec.com.tw
5
Block Diagram
Typical Application Circuit
Awake & Sleep
Timing Logic
Hall Plane
Chopper
Amplifier
Latch
Circuit
VDD
VOUT
GND
Hysteresis
Control
50k
2.5V-3.5V
+
-
SOT-23 (Top View)
VOUT
APX9131A
VDD
GND
0.1
µF


Similar Part No. - APX9131A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9131AI-PBG ANPEC-APX9131AI-PBG Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9131AI-TR ANPEC-APX9131AI-TR Datasheet
222Kb / 14P
   Hall Effect Micro Switch IC
APX9131AI-TRG ANPEC-APX9131AI-TRG Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9131AI-TRL ANPEC-APX9131AI-TRL Datasheet
222Kb / 14P
   Hall Effect Micro Switch IC
APX9131ATI-PBG ANPEC-APX9131ATI-PBG Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
More results

Similar Description - APX9131A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com