Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC5565APL-10 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC5565APL-10
Description  65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5565APL-10 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC5565APL-10 Datasheet HTML 1Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 2Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 3Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 4Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 5Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 6Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 7Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 8Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC5565APL-10, TC5565APL-12, TC5565APL-15
TC5565AFL-10, TC5565AFL-12, TC5565AFL-15
A.C. CHARACTERISTICS (Ta=0~70°C, V
DD = 5V±10%)
Read Cycle
SYMBOL PARAMETER
TC5565APL-10
TC5565AFL-10
TC5565APL-12
TC5565AFL-12
TC5565APL-15
TC5565AFL-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX
tRC
Read Cycle Time
100
-
120
-
150
-
tACC
Address Access Time
-
100
-
120
-
150
tCOL
\CE1 Access Time
-
100
-
120
-
150
tC02
CE2 Access Time
-
100
-
120
-
150
tOE
Output Enable to Output Valid
-
50
-
60
-
70
tCOE
Chip Enable (\CE1, CE2) to
Output in Low-Z
10
-
10
-
15
-
tOEE
Output Enable to Output in Low-Z
5
-
5
-
5
-
tOD
Chip Enable (CE1, CE2) to
Output in High-Z
-
35
-
40
-
50
tODO
Output Enable to Output in High-Z
-
35
-
40
-
50
tOH
Output Data Hold Time
20
-
20
-
20
-
Write Cycle
TC5565APL-10
TC5565AFL-10
TC5565APL-12
TC5565AFL-12
TC5565APL- 5
TC5565AFL- 5
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX..
tWC
Write Cycle Time
100
-
120
-
150
-
tWP
Write Pulse Width
60
-
70
-
90
-
tCW
Chip Selection to End of Write
80
-
85
-
100
-
tAS
Address Set up Time
0
-
0
-
0
-
rWR
Write Recovery Time
0
-
0
-
0
-
tODW
R/W to Output High-Z
-
35
0
40
-
50
rOEW
R/W to Output Low-Z
5
-
5
-
10
-
tDS
Data Set up Time
40
-
50
-
60
-
tDH
Data Hold Time
0
-
0
-
0
-
A.C. TEST CONDITION
Output Load
: 100pF + 1 TTL Gate
Input Pulse Level
: 0.6V, 2.4V
Timing Measurement
VIN
: 0.8V, 2.2V
Reference Level
VOUT
: 0.8V, 2.2V
tr, tf
: 5ns


Similar Part No. - TC5565APL-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5561J TOSHIBA-TC5561J Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-45 TOSHIBA-TC5561J-45 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-55 TOSHIBA-TC5561J-55 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-70 TOSHIBA-TC5561J-70 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
More results

Similar Description - TC5565APL-10

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
   65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
logo
ACCUTEK MICROCIRCUIT CO...
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
logo
Toshiba Semiconductor
TMM2018AP TOSHIBA-TMM2018AP Datasheet
338Kb / 6P
   16,384 bits high speed and low power static random access memory organized as 2,048 words by 8 bits and operates from a single 5V supply
logo
Fujitsu Component Limit...
MB8464A FUJITSU-MB8464A Datasheet
263Kb / 11P
   CMOS 65,536 Static Random Access Memory with Data Retention Mode
logo
List of Unclassifed Man...
HM6708SH ETC1-HM6708SH Datasheet
453Kb / 11P
   65536-WORDS X 4 BITS HIGH SPEED STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com