Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7143 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7143
Description  3A, 12V, Asynchronous Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7143 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7143 Datasheet HTML 1Page - Anpec Electronics Coropration APW7143 Datasheet HTML 2Page - Anpec Electronics Coropration APW7143 Datasheet HTML 3Page - Anpec Electronics Coropration APW7143 Datasheet HTML 4Page - Anpec Electronics Coropration APW7143 Datasheet HTML 5Page - Anpec Electronics Coropration APW7143 Datasheet HTML 6Page - Anpec Electronics Coropration APW7143 Datasheet HTML 7Page - Anpec Electronics Coropration APW7143 Datasheet HTML 8Page - Anpec Electronics Coropration APW7143 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2008
APW7143
www.anpec.com.tw
5
Typical Operating Characteristics
VIN Input Current vs. Supply Voltage
Supply Voltage, V
IN
(V)
Current-Limit Level (Peak Current)
vs. Junction Temperature
Junction Temperature, T
J (
o
C)
Output Voltage vs. Input Voltage
Input Voltage, V
IN (V)
Output Current vs. Efficiency
Output Voltage vs. Output Current
Output Current, I
OUT(A)
Output Current, I
OUT(A)
Junction Temperature, T
J (
oC)
Reference Voltage vs. Junction Temperature
0.784
0.788
0.792
0.796
0.800
0.804
0.808
0.812
0.816
-50
-25
0
25
50
75
100
125
150
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0
1
2
3
(Refer to the application circuit 1 in the section “Typical Application Circuits”, V
IN=12V, VOUT=3.3V, L1=4.7µH )
0.0
0.5
1.0
1.5
2.0
0
2
4
6
8
10
12
14
V
FB=0.85V
4.5
5
5.5
6
6.5
7
-40
-20
0
20
40
60
80
100 120 140
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
V
IN=5V, VOUT=3.3V, L1=2.2µH
V
IN=12V, VOUT=5V, L1=6.8µH
V
IN=12V, VOUT=3.3V, L1=4.7µH
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
4
6
8
10
12
14
I
OUT=500mA


Similar Part No. - APW7143

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
More results

Similar Description - APW7143

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
logo
Feeling Technology Corp...
FP6112 FEELING-FP6112 Datasheet
440Kb / 15P
   320KHz, 3A Asynchronous Buck Regulator
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
   58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
   58V Asynchronous Buck Converter
Rev.1.1
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com