Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FK14SM-12 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. FK14SM-12
Description  HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FK14SM-12 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FK14SM-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FK14SM-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FK14SM-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FK14SM-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FK14SM-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
V
V
µA
mA
V
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
3
0.58
4.06
9.0
2100
250
40
40
60
250
85
1.5
±10
1
4
0.75
5.25
2.0
0.50
150
V (BR) DSS
V (BR) GSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
ID = 1mA, VGS = 0V
IG =
±100µA, VDS = 0V
VGS =
±25V, VDS = 0V
VDS = 600V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 7A, VGS = 10V
ID = 7A, VGS = 10V
ID = 7A, VDS = 10V
VDS = 25V, VGS = 0V, f = 1MHz
VDD = 200V, ID = 7A, VGS = 10V, RGEN = RGS = 50
IS = 7A, VGS = 0V
Channel to case
IS = 14A, dis/dt = –100A/
µs
MITSUBISHI Nch POWER MOSFET
FK14SM-12
HIGH-SPEED SWITCHING USE
600
±30
2
6.0
250
200
150
100
50
0
200
150
100
50
0
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
23 5 7 101
100
23 5 7 102 23 5 7 103
tw=10µs
1ms
10ms
100µs
DC
TC = 25°C
Single Pulse
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FK14SM-9 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FK20SM-10 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FS100UM-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10KMH-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10VS-14A HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS14UM-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS16VS-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS20UM-6 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS2VS-12 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS30KMJ-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn