Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APW7098 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part No. APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APW7098 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APW7098
www.anpec.com.tw
8
Operating Waveforms
CH1: V
5VCC (5V/div)
CH2: V
COMP (1V/div)
CH3: V
SS (5V/div)
CH4: V
OUT (1V/div)
Time: 5ms/div
Power On
I
OUT=10A
1
2
3
4
V
5VCC
V
COMP
V
SS
V
OUT
CH1: V
5VCC (5V/div)
CH2: V
COMP (1V/div)
CH3: V
SS (5V/div)
CH4: V
OUT (1V/div)
Time: 5ms/div
Power Off
I
OUT=10A
1
2
3
4
V
5VCC
V
COMP
V
SS
V
OUT
CH1: V
REFIN/EN (5V/div)
CH2: V
COMP (1V/div)
CH3: V
SS (2V/div)
CH4: V
OUT (1V/div)
Time: 5ms/div
Enable by REFIN/EN Pin
I
OUT=10A
1
2
3
4
V
REFIN/EN
V
COMP
V
SS
V
OUT
Shutdown by REFIN/EN Pin
CH1: V
REFIN/EN (5V/div)
CH2: V
COMP (1V/div)
CH3: V
SS (2V/div)
CH4: V
OUT (1V/div)
Time: 5ms/div
I
OUT=10A
1
2
3
4
V
REFIN/EN
V
COMP
V
SS
V
OUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn