Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62102516 Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62102516
Description  1024K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62102516 Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62102516 Datasheet HTML 1Page - Lyontek Inc. LY62102516 Datasheet HTML 2Page - Lyontek Inc. LY62102516 Datasheet HTML 3Page - Lyontek Inc. LY62102516 Datasheet HTML 4Page - Lyontek Inc. LY62102516 Datasheet HTML 5Page - Lyontek Inc. LY62102516 Datasheet HTML 6Page - Lyontek Inc. LY62102516 Datasheet HTML 7Page - Lyontek Inc. LY62102516 Datasheet HTML 8Page - Lyontek Inc. LY62102516 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY62102516
Rev. 0.3
1024K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 45/30mA (TYP.)
Standby current : 10
μA (TYP.) LL-version
Single 4.5V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 48-pin 12mm x 20mm TSOP-I
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62102516 is a 16,777,216-bit low power
CMOS static random access memory organized as
1,048,576 words by 16 bits. It is fabricated using
very high performance, high reliability CMOS
technology. Its standby current is stable within the
range of operating temperature.
The LY62102516 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62102516 operates from a single power
supply of 4.5V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62102516
0 ~ 70℃
4.5 ~ 5.5V
55/70ns
10µA(LL)
45/30mA
LY62102516(E)
-20 ~ 80℃
4.5 ~ 5.5V
55/70ns
10µA(LL)
45/30mA
LY62102516(I)
-40 ~ 85℃
4.5 ~ 5.5V
55/70ns
10µA(LL)
45/30mA
FUNCTIONAL BLOCK DIAGRAM
CONTROL
CIRCUIT
DECODER
1024Kx16
MEMORY ARRAY
COLUMN I/O
A0-A19
Vcc
Vss
DQ8-DQ15
Upper Byte
DQ0-DQ7
Lower Byte
I/O DATA
CIRCUIT
CE2
WE#
OE#
LB#
UB#
CE#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A19
Address Inputs
DQ0 – DQ15 Data Inputs/Outputs
CE#, CE2
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground


Similar Part No. - LY62102516

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516_13 Datasheet
346Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102516 LYONTEK-LY62102516_17 Datasheet
668Kb / 12P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62102516

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_16 Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_13 Datasheet
348Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1616 ALSC-AS6C1616 Datasheet
1Mb / 11P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L102516A LYONTEK-LY62L102516A_12 Datasheet
165Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616_13 Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516 Datasheet
197Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616 Datasheet
162Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516A LYONTEK-LY62L102516A_16 Datasheet
680Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102516 LYONTEK-LY62102516_13 Datasheet
346Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com