Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6251216 Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY6251216
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6251216 Datasheet(HTML) 2 Page - Lyontek Inc.

  LY6251216 Datasheet HTML 1Page - Lyontek Inc. LY6251216 Datasheet HTML 2Page - Lyontek Inc. LY6251216 Datasheet HTML 3Page - Lyontek Inc. LY6251216 Datasheet HTML 4Page - Lyontek Inc. LY6251216 Datasheet HTML 5Page - Lyontek Inc. LY6251216 Datasheet HTML 6Page - Lyontek Inc. LY6251216 Datasheet HTML 7Page - Lyontek Inc. LY6251216 Datasheet HTML 8Page - Lyontek Inc. LY6251216 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 45/30mA (TYP.)
Standby current : 8
μA (TYP.) LL-version
Single 4.5V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY6251216 is a 8,388,608-bit low power CMOS
static random access memory organized as 524,288
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY6251216 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY6251216 operates from a single power
supply of 4.5V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY6251216
0 ~ 70℃
4.5 ~ 5.5V
55/70ns
8µA(LL)
45/30mA
LY6251216(E)
-20 ~ 80℃
4.5 ~ 5.5V
55/70ns
8µA(LL)
45/30mA
LY6251216(I)
-40 ~ 85℃
4.5 ~ 5.5V
55/70ns
8µA(LL)
45/30mA
FUNCTIONAL BLOCK DIAGRAM
CONTROL
CIRCUIT
CE#
WE#
OE#
DECODER
512Kx16
MEMORY ARRAY
COLUMN I/O
A0-A18
Vcc
Vss
DQ8-DQ15
Upper Byte
DQ0-DQ7
Lower Byte
I/O DATA
CIRCUIT
LB#
UB#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A18
Address Inputs
DQ0 – DQ15 Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground


Similar Part No. - LY6251216

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216AML-45SL LYONTEK-LY6251216AML-45SL Datasheet
288Kb / 12P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216AML-45SLI LYONTEK-LY6251216AML-45SLI Datasheet
288Kb / 12P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216AML-45SLIT LYONTEK-LY6251216AML-45SLIT Datasheet
288Kb / 12P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216AML-45SLT LYONTEK-LY6251216AML-45SLT Datasheet
288Kb / 12P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216A LYONTEK-LY6251216A_16 Datasheet
288Kb / 12P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6251216

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com