Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2058 Datasheet(PDF) 26 Page - Anpec Electronics Coropration

Part # APA2058
Description  2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2058 Datasheet(HTML) 26 Page - Anpec Electronics Coropration

Back Button APA2058 Datasheet HTML 20Page - Anpec Electronics Coropration APA2058 Datasheet HTML 21Page - Anpec Electronics Coropration APA2058 Datasheet HTML 22Page - Anpec Electronics Coropration APA2058 Datasheet HTML 23Page - Anpec Electronics Coropration APA2058 Datasheet HTML 24Page - Anpec Electronics Coropration APA2058 Datasheet HTML 25Page - Anpec Electronics Coropration APA2058 Datasheet HTML 26Page - Anpec Electronics Coropration APA2058 Datasheet HTML 27Page - Anpec Electronics Coropration APA2058 Datasheet HTML 28Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2008
www.anpec.com.tw
26
APA2058
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00 50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN. 12.0±
0.30 1.75±
0.10
5.5±
0.10
P0
P1
P2
D0
D1
T
A0
B0
K0
TQFN5x5-32A
4.0±
0.10
8.0±
0.10
2.0±
0.10
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
5.30±
0.20 5.30±
0.20 1.30±
0.20
(mm)
Carrier Tape & Reel Dimensions
Package Type
Unit
Quantity
TQFN5x5-32A
Tape & Reel
2500
Devices Per Unit
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d


Similar Part No. - APA2058

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2058 ANPEC-APA2058 Datasheet
602Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
APA2058QBI-TRG ANPEC-APA2058QBI-TRG Datasheet
602Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
APA2058 ANPEC-APA2058_10 Datasheet
602Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
More results

Similar Description - APA2058

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2058 ANPEC-APA2058_10 Datasheet
602Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
Anpec Electronics Corop...
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
   3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com