Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1050-335K Datasheet(PDF) 1 Page - API Delevan

Part # DC1050-335K
Description  High Current Power Line Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

DC1050-335K Datasheet(HTML) 1 Page - API Delevan

  DC1050-335K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API Delevan
American Precision Industries
® www.delevan.com email: apisales@delevan.com
270 Quaker Road, East Aurora NY 14052 • Phone: 716-652-3600 • Fax: 716-652-4814
High Current Power Line Chokes
Series DC1050R
DC1050
-104K
100
±
10%
0.034
7.5
9.0
0.81
0.046
-124K
120
±
10%
0.046
6.5
8.0
0.77
0.040
-154K
150
±
10%
0.064
5.5
7.0
0.77
0.040
-184K
180
±
10%
0.072
5.1
6.5
0.77
0.040
-224K
220
±
10%
0.080
4.8
6.0
0.77
0.040
-274K
270
±
10%
0.110
4.2
5.0
0.77
0.036
-334K
330
±
10%
0.122
4.0
4.5
0.77
0.036
-394K
390
±
10%
0.169
3.4
4.0
0.77
0.032
-474K
470
±
10%
0.187
3.2
3.8
0.77
0.032
-564K
560
±
10%
0.205
3.0
3.5
0.77
0.032
-684K
680
±
10%
0.256
2.7
3.0
0.77
0.029
-824K
820
±
10%
0.288
2.5
2.8
0.77
0.029
-105K 1000
±
10%
0.426
2.1
2.5
0.77
0.029
-125K 1200
±
10%
0.462
2.0
2.2
0.77
0.026
-155K 1500
±
10%
0.518
1.9
2.0
0.77
0.026
-185K 1800
±
10%
0.705
1.6
1.8
0.77
0.026
-225K 2200
±
10%
1.020
1.4
1.5
0.77
0.023
-275K 2700
±
10%
1.140
1.3
1.4
0.77
0.023
-335K 3300
±
10%
1.270
1.2
1.3
0.77
0.023
-395K 3900
±
10%
1.670
1.1
1.2
0.77
0.020
-475K 4700
±
10%
1.860
1.0
1.0
0.77
0.020
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
7/20/2008
Physical Parameters
Inches
Millimeters
A
1.050 ± 0.050 26.670 ± 1.270
B
See Characteristics Table
C
0.750 Min.
19.050 Min.
D
0.840 Max.
21.336 Max.
E (Ref. only) 0.240 Max.
6.096 Max.
F
Clearance Hole for 4/40 Screw
G
See Characteristics Table
Leads Tinned to within 1/16" of Body
Inductance Measured @ 1 kHz within 0 A DC on
a GenRad 1658A Digibridge, or equivalent
Mechanical Configuration Center hole allows for
mechanical mounting; insulated bobbins
Operating Temperature
-55°C to +125°C;
-55°C to +80°C @ full rated current
Current Rating at 80°C Ambient 45°C Rise
Incremental Current Minimum current which
causes a 5% maximum decrease in Inductance
Power Dissipation at 80°C 2.20 Watts Max.
Dielectric Withstanding Voltage 1000 V RMS Min.
Marking Parts printed with DELEVAN and
API Part Number and Date Code
Packaging Bulk only
Made in the U.S.A.
SERIES DC1050 FERRITE CORE


Similar Part No. - DC1050-335K

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC1050-335K API-DC1050-335K Datasheet
1Mb / 1P
   High Current Power Line Chokes
More results

Similar Description - DC1050-335K

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC780 API-DC780 Datasheet
26Kb / 1P
   High Current Power Line Chokes
DC630 API-DC630 Datasheet
25Kb / 1P
   High Current Power Line Chokes
DC780R API-DC780R Datasheet
1Mb / 1P
   High Current Power Line Chokes
DC1390-153K API-DC1390-153K Datasheet
285Kb / 1P
   High Current Power Line Chokes
DC1390R API-DC1390R_10 Datasheet
1Mb / 1P
   High Current Power Line Chokes
DC630R API-DC630R Datasheet
1Mb / 1P
   High Current Power Line Chokes
DC1050R API-DC1050R_10 Datasheet
1Mb / 1P
   High Current Power Line Chokes
logo
EPCOS
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
   Power line chokes Current-compensated frame core double chokes
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
   Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
   Power line chokes Current-compensated ring core double chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com