Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA44B-XG-3-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA44B-XG-3-PF
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA44B-XG-3-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA44B-XG-3-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA44B-XG-3-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA44B-XG-3-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA44B-XG-3-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA44B-XG-3-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA44B-XG-3-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Storage Temperature
Tstg
PART NO
MATERIAL
LA44B/XG-3-PF
Emitted
Lens
COLOR
PART NO.
Forward Current
IF
Operating Temperature
Reverse Current @5V
Topr
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
Parameter
Symbol
-40 ~ +100
Viewing
angle
2
θ 1/2
(deg)
20
Forward
voltage
@
mA(V)
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Luminous
intensity
@10mA(mcd)
Min.
Min.
Max.
Typ.
2/5
Page
mA
-40 ~ +85
10
μA
mA
mW
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
G
30
120
100
GaP
Green
Green Diffused
565
30
1.7
2.6
12
20
42
LA44B/XG-3-PF


Similar Part No. - LA44B-XG-3-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA44B-XG-AS-PF LIGITEK-LA44B-XG-AS-PF Datasheet
108Kb / 6P
   LED ARRAY
LA44B-XG-S2-PF LIGITEK-LA44B-XG-S2-PF Datasheet
107Kb / 6P
   LED ARRAY
More results

Similar Description - LA44B-XG-3-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com