Electronic Components Datasheet Search |
|
LY621024RV Datasheet(PDF) 4 Page - Lyontek Inc. |
|
LY621024RV Datasheet(HTML) 4 Page - Lyontek Inc. |
4 / 16 page LY621024 Rev. 1.5 128K X 8 BIT LOW POWER CMOS SRAM Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 3 ® ABSOLUTE MAXIMUN RATINGS* PARAMETER SYMBOL RATING UNIT Voltage on VCC relative to VSS VT1 -0.5 to 6.5 V Voltage on any other pin relative to VSS VT2 -0.5 to VCC+0.5 V 0 to 70(C grade) -20 to 80(E grade) Operating Temperature TA -40 to 85(I grade) ℃ Storage Temperature TSTG -65 to 150 ℃ Power Dissipation PD 1 W DC Output Current IOUT 50 mA *Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability. TRUTH TABLE MODE CE# CE2 OE# WE# I/O OPERATION SUPPLY CURRENT H X X X High-Z ISB1 Standby X L X X High-Z ISB1 Output Disable L H H H High-Z ICC,ICC1 Read L H L H DOUT ICC,ICC1 Write L H X L DIN ICC,ICC1 Note: H = VIH, L = VIL, X = Don't care. |
Similar Part No. - LY621024RV |
|
Similar Description - LY621024RV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |