Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA38B-86-RGY-1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LA38B-86-RGY-1-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA38B-86-RGY-1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA38B-86-RGY-1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA38B-86-RGY-1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.0
2.5
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
450
0.0
0.5
500
550
600
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-40
0.8
-20
1.1
1.0
0.9
1.2
20
0
60
40
100
80
Ambient Temperature(
)
-40
-20
0
20
60
40
100
80
3.0
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
2.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
1.0
10
DGM CHIP
1000
3.0
4.0
5.0
1000
Forward Current(mA)
1.0
10
100
Page 4/7
PART NO. LA38B-86/RGY-1-PF
-60
°
100%
60
°
75% 50%
0
25%
25%
100%
50% 75%
-30
°
0
°
30
°
Fig.6 Directive Radiation


Similar Part No. - LA38B-86-RGY-1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA38B-86-EYG-PF LIGITEK-LA38B-86-EYG-PF Datasheet
166Kb / 8P
   LED ARRAY
More results

Similar Description - LA38B-86-RGY-1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com