Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8895 Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY8895
Description  1.4 Watt Audio power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8895 Datasheet(HTML) 3 Page - Lyontek Inc.

  LY8895 Datasheet HTML 1Page - Lyontek Inc. LY8895 Datasheet HTML 2Page - Lyontek Inc. LY8895 Datasheet HTML 3Page - Lyontek Inc. LY8895 Datasheet HTML 4Page - Lyontek Inc. LY8895 Datasheet HTML 5Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LY8895
Rev. 1.4
1.4 Watt Audio power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
6.0
V
Operating Temperature
TA
-40 to 85 (I grade)
Input Voltage
VI
-0.3V to VDD +0.3V
V
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
Internally Limited
W
ESD Susceptibility
VESD
2000
V
Junction Temperature
TJMAX
150
Soldering Temperature (under 10 sec)
TSOLDER
260
DC ELECTRICAL CHARACTERISTICS (VDD=5V, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VIN = 0V, IO = 0A, No Load
-
3.5
9.0
mA
Power Supply Current
IDD
VIN = 0V, IO = 0A, 8Ω Load
-
4.0
10.0
mA
Shutdown Current
ISD
VSHUTDOWN = 0V
-
0.1
2.0
µA
HP Sense high input voltage
VIH
0.8xVDD
-
-
V
HP Sense low input voltage
VIL
-
-
0.2xVDD
V
Wake-up time
TWU
Bypass cap. = 1.0uF
-
176
ms
Output Offset Voltage
VOS
-
7.0
50.0
mV
THD = 10% , f = 1 kHz
RL = 8Ω,
HP Sense < 0.2xVDD
1.4
W
THD = 1% , f = 1 kHz
RL = 8Ω,
HP Sense < 0.2xVDD
-
1.0
W
Output Power
Po
THD = 1% (max), f = 1kHz,
RL = 32Ω,
HP Sense > 0.8xVDD
-
90
mW
Total Harmonic Distortion+ Noise THD+N Po = 0.4 Wrms; f = 1kHz
-
0.13
%
Power Supply Rejection Ratio
PSRR
Vripple = 200mV sine p-p
Input terminated with 10Ω
to GND
-
62 (f =
217Hz)
66 (f =
1kHz)
-
dB
Thermal Shutdown Temperature
TSD
150
170
190
Shut Down Time
TSDT
8 Ω load
1.0
ms


Similar Part No. - LY8895

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890BL LYONTEK-LY8890BL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890UL LYONTEK-LY8890UL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891BL LYONTEK-LY8891BL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
More results

Similar Description - LY8895

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
P4890K APLUS-P4890K Datasheet
1Mb / 10P
   1.4 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8893 LYONTEK-LY8893 Datasheet
287Kb / 5P
   1.4 Watt Audio power Amplifier with Active-high shutdown mode
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
   8 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com