Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8893 Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY8893
Description  1.4 Watt Audio power Amplifier with Active-high shutdown mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8893 Datasheet(HTML) 4 Page - Lyontek Inc.

  LY8893 Datasheet HTML 1Page - Lyontek Inc. LY8893 Datasheet HTML 2Page - Lyontek Inc. LY8893 Datasheet HTML 3Page - Lyontek Inc. LY8893 Datasheet HTML 4Page - Lyontek Inc. LY8893 Datasheet HTML 5Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LY8893
Rev. 1.4
1.4 Watt Audio power Amplifier with Active-high shutdown mode
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
DC ELECTRICAL CHARACTERISTICS (VDD=3V, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VIN = 0V, IO = 0A, No Load
-
3.0
8.0
mA
Power Supply Current
IDD
VIN = 0V, IO = 0A, 8Ω Load
-
3.5
9.0
mA
Shutdown Current
ISD
VSHUTDOWN = 0V
-
0.1
2.0
µA
HP Sense high input voltage
VIH
0.8xVDD
-
-
V
HP Sense low input voltage
VIL
-
-
0.2xVDD
V
Output Offset Voltage
VOS
-
7.0
50.0
mV
Wake-up time
TWU
-
114
ms
THD = 10% , f = 1 kHz
RL = 8Ω,
HP Sense < 0.2xVDD
0.46
W
THD = 1% , f = 1 kHz
RL = 8Ω,
HP Sense < 0.2xVDD
-
0.375
W
Output Power
Po
THD = 1% (max), f = 1kHz,
RL = 32Ω,
HP Sense > 0.8xVDD
-
35
mW
Total Harmonic Distortion+ Noise THD+N Po = 0.25 Wrms , f = 1kHz
-
0.13
-
%
Power Supply Rejection Ratio
PSRR
Vripple = 200mV sine p-p
Input terminated with 10Ω
to GND
-
56 (f =
217Hz)
62 (f =
1kHz)
-
dB
Thermal Shutdown Temperature
TSD
150
170
190
ORDERING INFORMATION
LY 8 893 VV
V : Package Type
UL:8-Pin MSOP
Product Name
A : Product Line
LY : Lyontek Product Number Prefix


Similar Part No. - LY8893

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890BL LYONTEK-LY8890BL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890UL LYONTEK-LY8890UL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891BL LYONTEK-LY8891BL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
More results

Similar Description - LY8893

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Lyontek Inc.
LY8895 LYONTEK-LY8895 Datasheet
271Kb / 5P
   1.4 Watt Audio power Amplifier
logo
Aplus Intergrated Circu...
P4890K APLUS-P4890K Datasheet
1Mb / 10P
   1.4 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com