Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8890BL Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY8890BL
Description  1.0 Watt Audio power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8890BL Datasheet(HTML) 5 Page - Lyontek Inc.

  LY8890BL Datasheet HTML 1Page - Lyontek Inc. LY8890BL Datasheet HTML 2Page - Lyontek Inc. LY8890BL Datasheet HTML 3Page - Lyontek Inc. LY8890BL Datasheet HTML 4Page - Lyontek Inc. LY8890BL Datasheet HTML 5Page - Lyontek Inc. LY8890BL Datasheet HTML 6Page - Lyontek Inc. LY8890BL Datasheet HTML 7Page - Lyontek Inc. LY8890BL Datasheet HTML 8Page - Lyontek Inc. LY8890BL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LY8890
Rev. 1.5
1.0 Watt Audio power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
ORDERING INFORMATION
LY 8 890 VV
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3
THD+N vs Frequency
at VDD=5V, RL=8Ω, PWR=250mW, AV=2
V : Package Type
UL : 8-Pin MSOP
BL:8-Pin DFN
Product Name
A : Product Line
LY : Lyontek Product Number Prefix


Similar Part No. - LY8890BL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891BL LYONTEK-LY8891BL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891BL LYONTEK-LY8891BL Datasheet
578Kb / 12P
   2.0 Watt Audio Power Amplifier
LY8891UL LYONTEK-LY8891UL Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8891UL LYONTEK-LY8891UL Datasheet
578Kb / 12P
   2.0 Watt Audio Power Amplifier
More results

Similar Description - LY8890BL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890FCT1 ONSEMI-NCP2890FCT1 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890_06 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
   1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com