Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2393IUK-16 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2393IUK-16
Description  16-Bit, 1Msps SAR ADC With 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2393IUK-16 Datasheet(HTML) 1 Page - Linear Technology

  LTC2393IUK-16 Datasheet HTML 1Page - Linear Technology LTC2393IUK-16 Datasheet HTML 2Page - Linear Technology LTC2393IUK-16 Datasheet HTML 3Page - Linear Technology LTC2393IUK-16 Datasheet HTML 4Page - Linear Technology LTC2393IUK-16 Datasheet HTML 5Page - Linear Technology LTC2393IUK-16 Datasheet HTML 6Page - Linear Technology LTC2393IUK-16 Datasheet HTML 7Page - Linear Technology LTC2393IUK-16 Datasheet HTML 8Page - Linear Technology LTC2393IUK-16 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Electrical Specifications Subject to Change
LTC2393-16
1
239316p
TYPICAL APPLICATION
DESCRIPTION
16-Bit, 1Msps SAR ADC
With 94dB SNR
The LTC
®2393-16 is a low noise, high speed 16-bit suc-
cessive approximation register (SAR) ADC. Operating
from a single 5V supply, the LTC2393-16 supports a large
±4.096V fully differential input range, making it ideal for
high performance applications which require maximum
dynamic range. The LTC2393-16 achieves ±2LSB INL max,
no missing codes at 16-bits and 94dB SNR (typ).
The LTC2393-16 includes a precision internal reference
with a guaranteed 0.5% initial accuracy and a ±20ppm/°C
(max) temperature coefficient. Fast 1Msps throughput with
no cycle latency in both parallel and serial interface modes
makes the LTC2393-16 ideally suited for a wide variety
of high speed applications. An internal oscillator sets the
conversion time, easing external timing considerations.
The LTC2393-16 dissipates only 125mW at 1Msps, while
both nap and sleep power-down modes are provided to
further reduce power during inactive periods.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n 1Msps Throughput Rate
n ±2LSB INL (Max)
n Guaranteed 16-Bit No Missing Codes
n 94dB SNR (Typ) at fIN = 20kHz
n H Grade
n Single 5V Supply
n 1.8V to 5V I/O Voltages
n 125mW Power Dissipation
n ±4.096V Differential Input Range
n Internal Reference (20ppm/°C Max)
n No Pipeline Delay, No Cycle Latency
n Parallel and Serial Interface
n Internal Conversion Clock
n 48-pin 7mm
× 7mm LQFP and QFN Packages
n Medical Imaging
n High Speed Data Acquisition
n Digital Signal Processing
n Industrial Process Control
n Instrumentation
n ATE
16k Point FFT fS = 1Msps,
fIN = 20kHz
FREQUENCY (kHz)
0
–180
–160
–120
–100
–80
200
400
500
0
239316 G08
–140
100
300
–60
–40
–20
SNR = 94.1dB
THD
–101.2dB
SINAD = 93.3dB
SFDR = 103dB
5V
0.1μF
10μF
5V
0.1μF
10μF
SER/PAR
BYTESWAP
OB/2C
CS
RD
BUSY
PARALLEL
OR
SERIAL
INTERFACE
OGND
239316 TA01
IN
IN+
2200pF
249Ω
249Ω
ANALOG INPUT
0V TO 4.096V
SINGLE-ENDED-
TO-DIFFERENTIAL
DRIVER
GND
RESET
CNVST PD
SAMPLE CLOCK
REFOUT
REFIN
AVP
DVP
LTC2393-16
OVP
1.8V TO 5V
16 BIT
VCM
1μF
10μF
4.7μF
LT6350


Similar Part No. - LTC2393IUK-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393IUK-16 LINER-LTC2393IUK-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393IUK-16PBF LINER-LTC2393IUK-16PBF Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results

Similar Description - LTC2393IUK-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com