Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2393IUK-16 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2393IUK-16
Description  16-Bit, 1Msps SAR ADC With 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2393IUK-16 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2393IUK-16 Datasheet HTML 5Page - Linear Technology LTC2393IUK-16 Datasheet HTML 6Page - Linear Technology LTC2393IUK-16 Datasheet HTML 7Page - Linear Technology LTC2393IUK-16 Datasheet HTML 8Page - Linear Technology LTC2393IUK-16 Datasheet HTML 9Page - Linear Technology LTC2393IUK-16 Datasheet HTML 10Page - Linear Technology LTC2393IUK-16 Datasheet HTML 11Page - Linear Technology LTC2393IUK-16 Datasheet HTML 12Page - Linear Technology LTC2393IUK-16 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2393-16
9
239316p
BUSY (Pin 29): Busy Output. A low-to-high transition oc-
curs when a conversion is started. It stays high until the
conversion is complete. The falling edge of BUSY can be
used as the data-ready clock signal.
RD (Pin 30): Read Data Input. When CS and RD are both
low, the parallel and serial output bus is enabled.
CS (Pin 31): Chip Select. When CS and RD are both low,
the parallel and serial output bus is enabled. CS is also
used to gate the external shift clock.
RESET (Pin 32): Reset Input. When high the LTC2393-16
is reset, and if this occurs during a conversion, the conver-
sion is halted and the data bus is put into Hi-Z mode.
PD (Pin 33): Power-Down Input. When high, the
LTC2393-16 is powered down and subsequent conversion
requests are ignored. Before entering power shutdown,
the digital output data should be read.
CNVST (Pin 34): Conversion Start Input. A falling edge
on CNVST puts the internal sample-and-hold into the hold
mode and starts a conversion. CNVST is independent of
CS.
VCM (Pin 36): Common Mode Analog Output. Typically
the output voltage is 2.048V. Bypass to GND with a 10μF
capacitor.
REFOUT (Pin 37): Internal Reference Output. Nominal
output voltage is 4.096V. Connect this pin to REFIN if us-
ing the internal reference. If an external reference is used
connect REFOUT to ground.
REFIN (Pin 38): Reference Input. An external reference
can be applied to REFIN if a more accurate reference is
required. If an external reference is used tie REFOUT to
ground.
REFSENSE (Pin 39): Reference Input Sense. Leave
REFSENSE open when using the internal reference. If
an external reference is used connect REFSENSE to the
ground pin of the external reference.
IN, IN+ (Pin 42, Pin 43):
Differential Analog Inputs.
IN+ – (IN) can range up to ±VREF.
Exposed Pad (Pin 49, QFN Package): Ground. This must
be soldered directly to the ground plane.
PIN FUNCTIONS


Similar Part No. - LTC2393IUK-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393IUK-16 LINER-LTC2393IUK-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393IUK-16PBF LINER-LTC2393IUK-16PBF Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results

Similar Description - LTC2393IUK-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com